Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16128-12T Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS42S16128-12T
Description  128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16128-12T Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS42S16128-12T Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S16128-12T Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S16128-12T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S16128-12T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16128-12T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16128-12T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16128-12T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16128-12T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16128-12T Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
IS42S16128
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. A
03/13/00
ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any
errors which may appear in this publication. © Copyright 2000, Integrated Silicon Solution, Inc.
FEATURES
• Clock frequency: 125 MHz, 100 MHz, 83 MHz
• Two banks can be operated simultaneously and
independently
• Single 3.3V power supply
• LVTTL interface
• Programmable burst length
– (1, 2, 4, 8, full page)
• Programmable burst sequence:
Sequential/Interleave
• Auto refresh, self refresh
• 1K refresh cycles every 16 ms
• Random column address every clock cycle
• Programmable
CAS latency (2, 3 clocks)
• Burst read/write and burst read/single write
operations capability
• Byte controlled by LDQM and UDQM
• Package 400-mil 50-pin TSOP II
DESCRIPTION
ISSI's 4Mb Synchronous DRAM IS42S16128 is organized as
a 131072-word x 16-bit x 2-bank for improved performance.
The synchronous DRAMs achieve high-speed data transfer
using pipeline architecture. All inputs and outputs signals refer
to the rising edge of the clock input.
128K Words x 16 Bits x 2 Banks (4-MBIT)
SYNCHRONOUS DYNAMIC RAM
PIN CONFIGURATIONS
50-Pin TSOP (Type II)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
VCC
I/O0
I/O1
GNDQ
I/O2
I/O3
VCCQ
I/O4
I/O5
GNDQ
I/O6
I/O7
VCCQ
LDQM
WE
CAS
RAS
CS
A9
A8
A0
A1
A2
A3
VCC
GND
I/O15
I/O14
GNDQ
I/O13
I/O12
VCCQ
I/O11
I/O10
GNDQ
I/O9
I/O8
VCCQ
NC
UDQM
CLK
CKE
NC
NC
NC
A7
A6
A5
A4
GND
FEBRUARY 2000
PIN DESCRIPTIONS
A0-A9
Address Input
A0-A8
Row Address Input
A9
Bank Select Address
A0-A7
Column Address Input
I/O0 to I/O15
Data I/O
CLK
System Clock Input
CKE
Clock Enable
CS
Chip Select
RAS
Row Address Strobe Command
CAS
Column Address Strobe Command
WE
Write Enable
LDQM
Lower Bye, Input/Output Mask
UDQM
Upper Bye, Input/Output Mask
Vcc
Power
GND
Ground
VccQ
Power Supply for I/O Pin
GNDQ
Ground for I/O Pin
NC
No Connection
ORDERING INFORMATION
Commercial Range: 0
⋅⋅⋅⋅⋅C to 70⋅⋅⋅⋅⋅C
Frequency
Speed (ns)
Order Part No.
Package
125 MHz
8
IS42S16128-8T
400-mil TSOP II
100 MHz
10
IS42S16128-10T
400-mil TSOP II
83 MHz
12
IS42S16128-12T
400-mil TSOP II


Similar Part No. - IS42S16128-12T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100-10T ISSI-IS42S16100-10T Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100-10TI ISSI-IS42S16100-10TI Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100-5BL ISSI-IS42S16100-5BL Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S16128-12T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100A1 ISSI-IS42S16100A1 Datasheet
754Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1 ISSI-IS42VS16100C1 Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100_08 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16100C1 ISSI-IS45S16100C1 Datasheet
803Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1 Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IS42S8800 ICSI-IS42S8800 Datasheet
1Mb / 68P
   2(1)M words x 8(16) bits x 4 banks (64-mbit) synchronous dynamic ram
logo
Integrated Silicon Solu...
IS42S32800B ISSI-IS42S32800B Datasheet
927Kb / 62P
   2M Words x 32 Bits x 4 Banks (256-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32160A ISSI-IS42S32160A Datasheet
1Mb / 60P
   4M Words x 32 Bits x 4 Banks (512-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com