Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048K015T100 Datasheet(PDF) 3 Page - Vicor Corporation

Part # V048K015T100
Description  VI Chip - VTM Voltage Transformation Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048K015T100 Datasheet(HTML) 3 Page - Vicor Corporation

  V048K015T100 Datasheet HTML 1Page - Vicor Corporation V048K015T100 Datasheet HTML 2Page - Vicor Corporation V048K015T100 Datasheet HTML 3Page - Vicor Corporation V048K015T100 Datasheet HTML 4Page - Vicor Corporation V048K015T100 Datasheet HTML 5Page - Vicor Corporation V048K015T100 Datasheet HTML 6Page - Vicor Corporation V048K015T100 Datasheet HTML 7Page - Vicor Corporation V048K015T100 Datasheet HTML 8Page - Vicor Corporation V048K015T100 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Vicor Corporation
Tel: 800-735-6200
V•I Chip Voltage Transformation Module
V048K015T100
Rev. 1.2
Page 3 of 16
vicorpower.com
Specifications
Figure 1— Input reflected ripple current at full load and 32 Vin
80.00
82.00
84.00
86.00
88.00
90.00
92.00
94.00
0.0
20.0
40.0
60.0
80.0
100.0
Output Current (A)
0.8 Vout
1 Vout
1.2 Vout
1.5 Vout
Efficiency vs. Output Current
Figure 3— Efficiency vs. output current and output voltage
Output Current (A)
Power Dissipation vs. Output Current
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
0.0
20.0
40.0
60.0
80.0
100.0
0.8Vout
1.0Vout
1.2Vout
1.5Vout
Figure 4—Power dissipation as a function of output current and
output voltage
WAVEFORMS
Figure 6—Output voltage ripple at full load and 1.0 Vout with
200 µF ceramic external bypass capacitance and 20 nH
distribution inductance.
Figure 5— Output voltage ripple at full load and 1.0 Vout;
without any external bypass capacitor.
Output Ripple vs Load
0
5
10
15
20
25
30
35
40
45
50
55
60
65
010
20
30
405060
7080
90
100
Output Current (A)
Figure 2— Output voltage ripple vs. output current at 1.0 Vout
with no POL bypass capacitance.


Similar Part No. - V048K015T100

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048K015T100 VICOR-V048K015T100 Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
More results

Similar Description - V048K015T100

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F040T050 VICOR-V048F040T050 Datasheet
343Kb / 13P
   VI Chip - VTM Voltage Transformation Module
V048K015T80 VICOR-V048K015T80 Datasheet
630Kb / 20P
   VI Chip - VTM Voltage Transformation Module
V048K015T090 VICOR-V048K015T090 Datasheet
497Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K096T025 VICOR-V048K096T025 Datasheet
485Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K480T006 VICOR-V048K480T006 Datasheet
481Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K030T070 VICOR-V048K030T070 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K020T080 VICOR-V048K020T080 Datasheet
438Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K060T040 VICOR-V048K060T040 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K160T015 VICOR-V048K160T015 Datasheet
482Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K120T025 VICOR-V048K120T025 Datasheet
477Kb / 15P
   V, I ChipTM-VTM Voltage Transformation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com