Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048L015T80 Datasheet(PDF) 8 Page - Vicor Corporation

Part # V048L015T80
Description  VI Chip - VTM Voltage Transformation Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048L015T80 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button V048L015T80 Datasheet HTML 4Page - Vicor Corporation V048L015T80 Datasheet HTML 5Page - Vicor Corporation V048L015T80 Datasheet HTML 6Page - Vicor Corporation V048L015T80 Datasheet HTML 7Page - Vicor Corporation V048L015T80 Datasheet HTML 8Page - Vicor Corporation V048L015T80 Datasheet HTML 9Page - Vicor Corporation V048L015T80 Datasheet HTML 10Page - Vicor Corporation V048L015T80 Datasheet HTML 11Page - Vicor Corporation V048L015T80 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Vicor Corporation Tel: 800-735-6200 vicorpower.com
V•I Chip Voltage Transformation Module
Rev. 1.6
Page 8 of 20
45
NOTES:
1- DIMENSIONS ARE
.
2- UNLESS OTHERWISE SPECIFIED, TOLERANCES ARE:
.X/[.XX] = +/-0.25/[.01]; .XX/[.XXX] = +/-0.13/[.005]
3- PRODUCT MARKING ON BOTH TOP AND BOTTOM SURFACES
inch
mm
30,00
1.181
1,00
0.039
15,00
0.591
18,00
0.709
1,00
0.039
9,00
0.354
1,00
0.039
1,00
0.039
L
L
C
C
BOTTOM VIEW
SOLDER BALL #A1
(106) X ø
0.020
SEATING PLANE
TOP VIEW (COMPONENT SIDE)
SOLDER BALL
#A1 INDICATOR
SOLDER BALL
0,51
TYP
4,0
0.16
15,7
0.62
21,5
0.85
32,0
1.26
1,6
0.06
28,8
1.13
6,0
0.24
16,0
0.63
Mechanical Drawings
PRELIMINARY
Figure 16—V TM BGA mechanical outline; In-board mounting
NOTES:
1- DIMENSIONS ARE
.
2- UNLESS OTHERWISE SPECIFIED, TOLERANCES ARE:
.X/[.XX] = +/-0.25/[.01]; .XX/[.XXX] = +/-0.13/[.005]
inch
mm
15,00
0.591
17,00
0.669
20,00
0.787
13,00
0.512
16,00
0.630
24,00
0.945
8,00
0.315
16,16
0.636
8,08
0.318
18,00
0.709
1,00
0.039
9,00
0.354
0,37
0.015
29,26
1.152
(2) X
0.394
(4) X
0.236
1,00
0.039
PCB CUTOUT
SOLDER PAD #A1
RECOMMENDED LAND AND VIA PATTERN
(COMPONENT SIDE SHOWN)
SOLDER MASK
DEFINED PAD
1,6
0.06
0,51
0.020
1,00
0.039
1,50
0.059
0,50
0.020
1,00
0.039
0,50
0.020
1,00
0.039
SOLDER MASK
DEFINED PADS
CONNECT TO
INNER LAYERS
0,51
0.020
0,53
0.021
10,00
6,00
(106) X ø
(4) X R
( ø
)
(
)
ø
PLATED VIA
(
)
Figure 17— VTM BGA PCB land/VIA layout information; In-board mounting
IN-BOARD MOUNTING
BGA surface mounting requires a
cutout in the PCB in which to recess the V•I Chip


Similar Part No. - V048L015T80

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048A015T090 VICOR-V048A015T090 Datasheet
497Kb / 16P
   VI Chip - VTM Voltage Transformation Module
logo
Powerbox
V048F015M006 POWERBOX-V048F015M006 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
V048F015M009 POWERBOX-V048F015M009 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
V048F015M012 POWERBOX-V048F015M012 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
V048F015M015 POWERBOX-V048F015M015 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
More results

Similar Description - V048L015T80

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F040T050 VICOR-V048F040T050 Datasheet
343Kb / 13P
   VI Chip - VTM Voltage Transformation Module
V048K015T090 VICOR-V048K015T090 Datasheet
497Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K096T025 VICOR-V048K096T025 Datasheet
485Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K480T006 VICOR-V048K480T006 Datasheet
481Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K030T070 VICOR-V048K030T070 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K020T080 VICOR-V048K020T080 Datasheet
438Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K060T040 VICOR-V048K060T040 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K015T100 VICOR-V048K015T100 Datasheet
447Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K160T015 VICOR-V048K160T015 Datasheet
482Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K120T025 VICOR-V048K120T025 Datasheet
477Kb / 15P
   V, I ChipTM-VTM Voltage Transformation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com