Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM2904-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part No. LM2904-Q1
Description  LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2904-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LM2904-Q1_V02 Datasheet HTML 1Page - Texas Instruments LM2904-Q1_V02 Datasheet HTML 2Page - Texas Instruments LM2904-Q1_V02 Datasheet HTML 3Page - Texas Instruments LM2904-Q1_V02 Datasheet HTML 4Page - Texas Instruments LM2904-Q1_V02 Datasheet HTML 5Page - Texas Instruments LM2904-Q1_V02 Datasheet HTML 6Page - Texas Instruments LM2904-Q1_V02 Datasheet HTML 7Page - Texas Instruments LM2904-Q1_V02 Datasheet HTML 8Page - Texas Instruments LM2904-Q1_V02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM2904-Q1, LM2904B-Q1
SLOS414I – MAY 2003 – REVISED JUNE 2020
LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for
Automotive Applications
1
1 Features
1
AEC Q-100 qualified for automotive applications
Temperature grade 1: –40°C to +125°C
Device HBM ESD classification 2
Device CDM ESD classification C5
Wide supply range of 3 V to 36 V (LM2904B-Q1)
Supply-current of 300 µA per channel (LM2904B-
Q1, typical)
Unity-gain bandwidth of 1.2 MHz (LM2904B-Q1)
Common-mode input voltage range includes
ground, enabling direct sensing near ground
Low input offset voltage of 3 mV at 25°C
(LM2904B-Q1, maximum)
Internal RF and EMI filter (LM2904B-Q1)
2 Applications
Automotive lighting
Body electronics
Automotive head unit
Telematics control unit
Emergency call (eCall)
Passive safety: brake system
Electric vehicle / hybrid electric:
Inverter and motor control
On-board (OBC) and wireless charger
Battery management system (BMS)
3 Description
The LM2904-Q1 and LM2904B-Q1 are industry-
standard
operational
amplifiers
that
have
been
qualified for automotive use in accordance to the
AEC-Q100 specifications. The LM2904B-Q1 is the
next-generation version of the LM2904-Q1, which
include two high-voltage (36 V) operational amplifiers
(op amps). The LM2904B-Q1 provides outstanding
value for cost-sensitive applications, with features
including low offset (1 mV, typical), common-mode
input range to ground, and high differential input
voltage capability.
The
LM2904B-Q1
simplifies
circuit
design
with
enhanced features such as unity-gain stability, lower
offset voltage of 1 mV (typical), and lower quiescent
current of 300 µA (typical). High ESD (2 kV, HBM)
and integrated EMI and RF filters enable the
LM2904B-Q1 devices to be used in the most rugged,
environmentally
challenging
applications
for
the
automotive marketplace.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2904B-Q1
SOIC (8)
4.90 mm × 3.90 mm
TSSOP (8)
3.00 mm × 4.40 mm
SOT-23 (8)(2)
1.60 mm × 2.90 mm
VSSOP (8)(2)
3.00 mm × 3.00 mm
LM2904-Q1
SOIC (8)
4.90 mm × 3.90 mm
TSSOP (8)
3.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) This package is preview only.
Single-Pole, Low-Pass Filter


Similar Part No. - LM2904-Q1_V02

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LM2904-Q1 TI1-LM2904-Q1_V01 Datasheet
2Mb / 35P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V03 Datasheet
2Mb / 39P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V04 Datasheet
3Mb / 38P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V05 Datasheet
3Mb / 39P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2021
LM2904-Q1 TI-LM2904-Q1_V06 Datasheet
3Mb / 41P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1, and LM2904BA-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
APRIL 2022
More results

Similar Description - LM2904-Q1_V02

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LM2904-Q1 TI1-LM2904-Q1_V01 Datasheet
2Mb / 35P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V05 Datasheet
3Mb / 39P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2021
LM2904-Q1 TI-LM2904-Q1_V04 Datasheet
3Mb / 38P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V03 Datasheet
2Mb / 39P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V06 Datasheet
3Mb / 41P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1, and LM2904BA-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
APRIL 2022
LM2902LV-Q1 TI-LM2902LV-Q1_V02 Datasheet
2Mb / 38P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
REVISED OCTOBER 2021
LM2902LV-Q1 TI-LM2902LV-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
LM2902LV-Q1 TI-LM2902LV-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
LM2904-Q1 TI1-LM2904-Q1_19 Datasheet
1Mb / 28P
[Old version datasheet]   industry-standard dual operational amplifiers for automotive applications
LM158 TI1-LM158_18 Datasheet
1Mb / 47P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com