Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC47CA Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1.5SMC47CA
Description  Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1.5SMC47CA Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1.5SMC47CA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1.5SMC47CA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1.5SMC47CA Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1.5SMC47CA Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
- 555 -
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
GENERAL Device
Current
Voltage Reverse Leakage
Peak Surge
Clamping
Temperature
PART
Marking
@IT
VWM
at Vwm
Current IPPM Voltage at IPPM
Coefficient
NUMBER
Code
Min
Max
(mA)
(Volts)
ID (uA)
(Note 2)(Amps)
VC(Volts)
of VBR(% /
OC)
1.5SMC6.8
DDJ
6.12
7.48
10
5.50
1000
145
10.8
0.057
1.5SMC6.8A
DEJ
6.45
7.14
10
5.80
1000
150
10.5
0.057
1.5SMC7.5
DFJ
6.75
8.25
10
6.05
500
134
11.7
0.061
1.5SMC7.5A
DGJ
7.13
7.88
10
6.40
500
139
11.3
0.061
1.5SMC8.2
DHJ
7.38
9.02
10
6.63
200
126
12.5
0.065
1.5SMC8.2A
DKJ
7.79
8.61
10
7.02
200
130
12.1
0.065
1.5SMC9.1
DLJ
8.19
10.0
1.0
7.37
50
114
13.8
0.068
1.5SMC9.1A
DMJ
8.65
9.55
1.0
7.78
50
117
13.4
0.068
1.5SMC10
DNJ
9.00
11.0
1.0
8.10
10
105
15.0
0.073
1.5SMC10A
DPJ
9.50
10.5
1.0
8.55
10
108
14.5
0.073
1.5SMC11
DQJ
9.90
12.1
1.0
8.92
5.0
97
16.2
0.075
1.5SMC11A
DRJ
10.5
11.6
1.0
9.40
5.0
100
15.6
0.075
1.5SMC12
DSJ
10.8
13.2
1.0
9.72
5.0
91
17.3
0.078
1.5SMC12A
DTJ
11.4
12.6
1.0
10.2
5.0
94
16.7
0.078
1.5SMC13
DUJ
11.7
14.3
1.0
10.5
5.0
82
19.0
0.081
1.5SMC13A
DVJ
12.4
13.7
1.0
11.1
5.0
86
18.2
0.081
1.5SMC15
DWJ
13.5
16.5
1.0
12.1
5.0
71
22.0
0.084
1.5SMC15A
DXJ
14.3
15.8
1.0
12.8
5.0
74
21.2
0.084
1.5SMC16
DYJ
14.4
17.6
1.0
12.9
5.0
67
23.5
0.086
1.5SMC16A
DZJ
15.2
16.8
1.0
13.6
5.0
70
22.5
0.086
1.5SMC18
EDJ
16.2
19.8
1.0
14.5
5.0
59
26.5
0.088
1.5SMC18A
EEJ
17.1
18.9
1.0
15.3
5.0
60
25.2
0.088
1.5SMC20
EFJ
18.0
22.0
1.0
16.2
5.0
54
29.1
0.090
1.5SMC20A
EGJ
19.0
21.0
1.0
17.1
5.0
56
27.7
0.090
1.5SMC22
EHJ
19.8
24.2
1.0
17.8
5.0
49
31.9
0.092
1.5SMC22A
EKJ
20.9
23.1
1.0
18.8
5.0
51
30.6
0.092
1.5SMC24
ELJ
21.6
26.4
1.0
19.4
5.0
45
34.7
0.094
1.5SMC24A
EMJ
22.8
25.2
1.0
20.5
5.0
47
33.2
0.094
1.5SMC27
ENJ
24.3
29.7
1.0
21.8
5.0
40
39.1
0.096
1.5SMC27A
EPJ
25.7
28.4
1.0
23.1
5.0
42
37.5
0.096
1.5SMC30
EQJ
27.0
33.0
1.0
24.3
5.0
36
43.5
0.097
1.5SMC30A
ERJ
28.5
31.5
1.0
25.6
5.0
38
41.4
0.097
1.5SMC33
ESJ
29.7
36.3
1.0
26.8
5.0
33
47.7
0.098
1.5SMC33A
ETJ
31.4
34.7
1.0
28.2
5.0
34
45.7
0.098
1.5SMC36
EUJ
32.4
39.6
1.0
29.1
5.0
30
52.0
0.099
1.5SMC36A
EVJ
34.2
37.8
1.0
30.8
5.0
31
49.9
0.099
1.5SMC39
EWJ
35.1
42.9
1.0
31.6
5.0
27
56.4
0.100
1.5SMC39A
EXJ
37.1
41.0
1.0
33.3
5.0
29
53.9
0.100
1.5SMC43
EYJ
38.7
47.3
1.0
34.8
5.0
25
61.9
0.101
1.5SMC43A
EZJ
40.9
45.2
1.0
36.8
5.0
26
59.3
0.101
1.5SMC47
FDJ
42.3
51.7
1.0
38.1
5.0
23
67.8
0.101
1.5SMC47A
FEJ
44.7
49.4
1.0
40.2
5.0
24
64.8
0.101
1.5SMC51
FFJ
45.9
56.1
1.0
41.3
5.0
21
73.5
0.102
1.5SMC51A
FGJ
48.5
53.6
1.0
43.6
5.0
22
70.1
0.102
1.5SMC56
FHJ
50.4
61.8
1.0
45.4
5.0
19
80.5
0.103
1.5SMC56A
FKJ
53.2
58.8
1.0
47.8
5.0
20
77.0
0.103
1.5SMC62
FLJ
55.8
68.2
1.0
50.2
5.0
17
89.0
0.104
1.5SMC62A
FMJ
58.9
65.1
1.0
53.0
5.0
18
85.0
0.104
1.5SMC68
FNJ
61.2
74.8
1.0
55.1
5.0
16
98.0
0.104
1.5SMC68A
FPJ
64.6
71.4
1.0
58.1
5.0
17
92.0
0.104
1.5SMC75
FQJ
67.5
82.5
1.0
60.7
5.0
14
108.0
0.105
1.5SMC75A
FRJ
71.3
78.8
1.0
64.1
5.0
15
103.0
0.105
1.5SMC82
FSJ
73.8
90.2
1.0
66.4
5.0
13
118.0
0.105
1.5SMC82A
FTJ
77.9
86.1
1.0
70.1
5.0
13.9
113.0
0.105
1.5SMC91
FUJ
81.9
100.0
1.0
73.7
5.0
12
131.0
0.106
1.5SMC91A
FVJ
86.5
95.50
1.0
77.8
5.0
12.6
125.0
0.106
Breakdown Voltage
VBR
(Volts) (Note 1)


Similar Part No. - 1.5SMC47CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC47CA CENTRAL-1.5SMC47CA Datasheet
146Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Socay Electornics Co., ...
1.5SMC47CA SOCAY-1.5SMC47CA Datasheet
583Kb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
1.5SMC47CA LITTELFUSE-1.5SMC47CA Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
Central Semiconductor C...
1.5SMC47CA CENTRAL-1.5SMC47CA Datasheet
885Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Weitron Technology
1.5SMC47CA WEITRON-1.5SMC47CA Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1.5SMC47CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com