Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4136 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI4136
Description  ISM RF SYNTHESIZER WITH INTEGRATED VCOS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4136 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI4136 Datasheet HTML 1Page - Silicon Laboratories SI4136 Datasheet HTML 2Page - Silicon Laboratories SI4136 Datasheet HTML 3Page - Silicon Laboratories SI4136 Datasheet HTML 4Page - Silicon Laboratories SI4136 Datasheet HTML 5Page - Silicon Laboratories SI4136 Datasheet HTML 6Page - Silicon Laboratories SI4136 Datasheet HTML 7Page - Silicon Laboratories SI4136 Datasheet HTML 8Page - Silicon Laboratories SI4136 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Rev. 1.0 12/00
Copyright © 2000 by Silicon Laboratories
Si4136-DS10
Si4136
IS M R F S Y N TH ES I Z ER W ITH I NT EG RAT ED VCO S
F OR W I R EL ES S C OMMUN I CAT IONS
Features
Applications
Description
The Si4136 is a monolithic integrated circuit that performs both IF and RF
synthesis for wireless communications applications. The Si4136 includes
three VCOs, loop filters, reference and VCO dividers, and phase detectors.
Divider and power down settings are programmable through a three-wire
serial interface.
Functional Block Diagram
!
Dual-Band RF Synthesizers
"
RF1: 2300 MHz to 2500 MHz
"
RF2: 2025 MHz to 2300 MHz
!
IF Synthesizer
"
62.5 MHz to 1000 MHz
!
Integrated VCOs, Loop Filters,
Varactors, and Resonators
!
Minimal External Components
Required
!
Low Phase Noise
!
5 µA Standby Current
!
25.7 mA Typical Supply Current
!
3.0 V to 3.6 V Operation
!
Package: 24-pin TSSOP
!
ISM Band Communications
!
Wireless LAN and WAN
!
Dual-Band Communications
IFO U T
IFL A
IFL B
RFO U T
XIN
PW D NB
SDATA
SCL K
SEN B
IF
RF2
RF1
AUXO U T
Pha se
Dete ct
Pha se
Dete ct
÷ 2
÷ 2
IFD IV
Pha se
Dete ct
Te st
Mux
22 -b it
Data
R egister
Serial
In te rfa ce
Pow er
Down
C ontro l
Refe ren ce
A m p lifier
÷ R
RF 1
÷ R
RF 2
÷ R
IF
÷ N
RF 1
÷ N
RF 2
÷ N
IF
÷1/÷2
Patents pending
Ordering Information:
See page 28.
Pin Assignments
Si4136
SCLK
SDATA
GNDR
GNDR
NC
GNDR
NC
GNDR
GNDR
GNDR
RFOUT
VDDR
SENB
VDDI
IFOUT
GNDI
IFLB
IFLA
GNDD
VDDD
GNDD
XIN
PWDNB
AUXOUT
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13


Similar Part No. - SI4136

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4136 SILABS-SI4136 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136-F-BM SILABS-SI4136-F-BM Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136-F-BT SILABS-SI4136-F-BT Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136-F-GM SILABS-SI4136-F-GM Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136-F-GT SILABS-SI4136-F-GT Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results

Similar Description - SI4136

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
   RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
SI4126 SILABS-SI4126 Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
STMicroelectronics
STW81101 STMICROELECTRONICS-STW81101 Datasheet
1Mb / 42P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81101 STMICROELECTRONICS-STW81101_07 Datasheet
1Mb / 48P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81102 STMICROELECTRONICS-STW81102 Datasheet
800Kb / 43P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81103 STMICROELECTRONICS-STW81103 Datasheet
1Mb / 53P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81100 STMICROELECTRONICS-STW81100_1 Datasheet
1,004Kb / 29P
   MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
STW81100 STMICROELECTRONICS-STW81100 Datasheet
915Kb / 23P
   MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com