Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM2565EBRNZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADM2565EBRNZ
Description  3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2565EBRNZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM2565EBRNZ Datasheet HTML 2Page - Analog Devices ADM2565EBRNZ Datasheet HTML 3Page - Analog Devices ADM2565EBRNZ Datasheet HTML 4Page - Analog Devices ADM2565EBRNZ Datasheet HTML 5Page - Analog Devices ADM2565EBRNZ Datasheet HTML 6Page - Analog Devices ADM2565EBRNZ Datasheet HTML 7Page - Analog Devices ADM2565EBRNZ Datasheet HTML 8Page - Analog Devices ADM2565EBRNZ Datasheet HTML 9Page - Analog Devices ADM2565EBRNZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADM2561E/ADM2563E/ADM2565E/ADM2567E
Data Sheet
Rev. B | Page 6 of 28
TIMING SPECIFICATIONS
ADM2565E/ADM2567E
All minimum and maximum specifications apply over the entire recommended operation range, VCC = 3.0 V to 5.5 V, VIO = 1.7 V to 5.5
V, TA = TMIN (−40°C) to TMAX (+105°C). All typical specifications are at TA = 25°C, VCC = VIO = 5 V, VISO = 3.3 V (VSEL = GNDISO). All
parameters are characterized with a BLM15HD182SN1 ferrite bead between the VISOOUT and VISOIN pins, and between the GNDISO and
GND2 pins.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
25
Mbps
Propagation Delay
tDPLH, tDPHL
18
25
ns
RL = 54 Ω, CL1 = C L2 = 100 pF, see Figure 3 and Figure 42
Output Skew
tSKEW
1.5
5
ns
RL = 54 Ω, CL1 = CL2 = 100 pF, see Figure 3 and Figure 42
Rise Time/Fall Time
tDR, tDF
4.5
10
ns
RL = 54 Ω, CL1 = CL2 = 100 pF, see Figure 3 and Figure 42
Enable Time
tZL, tZH
25
40
ns
RL = 110 Ω, CL = 50 pF, see Figure 5 and Figure 43
Disable Time
tLZ, tHZ
20
40
ns
RL = 110 Ω, CL = 50 pF, see Figure 5 and Figure 43
RECEIVER
Propagation Delay
tRPLH, tRPHL
32
50
ns
CL = 15 pF, see Figure 4 and Figure 44
Output Skew
tSKEW
2
6
ns
CL = 15 pF, see Figure 4 and Figure 44
Enable Time
tZL, tZH
4
25
ns
RL = 1 kΩ, CL = 15 pF, see Figure 6 and Figure 45
Disable Time
tLZ, tHZ
8
25
ns
RL = 1 kΩ, CL = 15 pF, see Figure 6 and Figure 45
RECEIVER CABLE INVERT, INVR
Propagation Delay
High to Low
tINVRPHL
25
35
ns
VID ≥ +200 mV or VID ≤ −200 mV, see Figure 7
Low to High
tINVRPLH
25
35
ns
VID ≥ +200 mV or VID ≤ −200 mV, see Figure 7
DRIVER CABLE INVERT, INVD
Propagation Delay
High to Low
tINVDPHL
18
25
ns
TxD = 0 V or TxD = VIO, see Figure 8
Low to High
tINVDPLH
18
25
ns
TxD = 0 V or TxD = VIO, see Figure 8
ADM2561E/ADM2563E
All minimum and maximum specifications apply over the entire recommended operation range, VCC = 3.0 V to 5.5 V, VIO = 1.7 V to 5.5
V, TA = TMIN (−40°C) to TMAX (+105°C). All typical specifications are at TA = 25°C, VCC = VIO = 5 V, VISO = 3.3 V (VSEL = GNDISO).
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
500
kbps
Propagation Delay
tDPLH, tDPHL
220
400
ns
RL = 54 Ω, CL1 = C L2 = 100 pF, see Figure 3 and Figure 42
Output Skew
tSKEW
5
100
ns
RL = 54 Ω, CL1 = CL2 = 100 pF, see Figure 3 and Figure 42
Rise Time/Fall Time
tDR, tDF
200
280
600
ns
RL = 54 Ω, CL1 = CL2 = 100 pF, see Figure 3 and Figure 42
Enable Time
tZL, tZH
130
1000
ns
RL = 110 Ω, CL = 50 pF, see Figure 5 and Figure 43
Disable Time
tLZ, tHZ
800
2000
ns
RL = 110 Ω, CL = 50 pF, see Figure 5 and Figure 43
RECEIVER
Propagation Delay
tRPLH, tRPHL
35
200
ns
CL = 15 pF, see Figure 4 and Figure 44
Output Skew
tSKEW
2
50
ns
CL = 15 pF, see Figure 4 and Figure 44
Enable Time
tZL, tZH
10
100
ns
RL = 1 kΩ, CL = 15 pF, see Figure 6 and Figure 45
Disable Time
tLZ, tHZ
10
100
ns
RL = 1 kΩ, CL = 15 pF, see Figure 6 and Figure 45
RECEIVER CABLE INVERT, INVR
Propagation Delay
High to Low
tINVRPHL
25
200
ns
VID ≥ +200 mV or VID ≤ −200 mV, see Figure 7
Low to High
tINVRPLH
25
200
ns
VID ≥ +200 mV or VID ≤ −200 mV, see Figure 7
DRIVER CABLE INVERT, INVD
Propagation Delay
High to Low
tINVDPHL
220
400
ns
TxD = 0 V or TxD = VIO, see Figure 8
Low to High
tINVDPLH
220
400
ns
TxD = 0 V or TxD = VIO, see Figure 8


Similar Part No. - ADM2565EBRNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2582 AD-ADM2582 Datasheet
580Kb / 20P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
ADM2582E AD-ADM2582E Datasheet
580Kb / 20P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
ADM2582E AD-ADM2582E Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADM2582E AD-ADM2582E Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2582EBRWZ AD-ADM2582EBRWZ Datasheet
580Kb / 20P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
More results

Similar Description - ADM2565EBRNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2867E AD-ADM2867E_V01 Datasheet
567Kb / 28P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
   500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM2761E AD-ADM2761E Datasheet
534Kb / 24P
   5.7 kV RMS Isolated, High Working Voltage, RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2582E AD-ADM2582E_V01 Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2582E AD-ADM2582E Datasheet
580Kb / 20P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
ADM2682E_1107 AD-ADM2682E_1107 Datasheet
484Kb / 24P
   5 kV rms Signal and Power Isolated
REV. 0
logo
Texas Instruments
THVD1520 TI1-THVD1520 Datasheet
661Kb / 22P
[Old version datasheet]   THVD1520 10 Mbps RS-485 Transceiver With 짹8-kV IEC ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com