Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM2565EBRNZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADM2565EBRNZ
Description  3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2565EBRNZ Datasheet(HTML) 1 Page - Analog Devices

  ADM2565EBRNZ Datasheet HTML 1Page - Analog Devices ADM2565EBRNZ Datasheet HTML 2Page - Analog Devices ADM2565EBRNZ Datasheet HTML 3Page - Analog Devices ADM2565EBRNZ Datasheet HTML 4Page - Analog Devices ADM2565EBRNZ Datasheet HTML 5Page - Analog Devices ADM2565EBRNZ Datasheet HTML 6Page - Analog Devices ADM2565EBRNZ Datasheet HTML 7Page - Analog Devices ADM2565EBRNZ Datasheet HTML 8Page - Analog Devices ADM2565EBRNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
3 kV RMS Signal and Power Isolated
RS-485 Transceiver with ±15 kV IEC ESD
Data Sheet
ADM2561E/ADM2563E/ADM2565E/ADM2567E
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
3 kV rms isolated RS-485/RS-422 transceiver
Low radiated emissions, integrated, isolated dc-to-dc
converter
Passes EN 55032 Class B with margin on a 2-layer PCB
Cable invert smart feature
Correct reversed cable connection on A, B, Y, and Z bus
pins while maintaining full receiver fail-safe feature
ESD protection on RS-485 A, B, Y and Z pins
≥±12 kV IEC61000-4-2 contact discharge
≥±15 kV IEC61000-4-2 air discharge
High speed 25 Mbps data rate (ADM2565E/ADM2567E)
Low speed 500 kbps data rate for EMI control
(ADM2561E/ADM2563E)
Flexible power supplies
Input VCC supply of 3 V to 5.5 V
Logic VIO supply of 1.7 V to 5.5 V
VSEL pin to select VISO supply of 5 V (VCC > 4.5 V) or 3.3 V
PROFIBUS compliant for 5 V VISO
Wide operating temperature range: −40°C to +105°C
High common-mode transient immunity: 250 kV/µs
Short-circuit, open-circuit, and floating input receiver fail-safe
Supports 192 bus nodes (72 kΩ receiver input impedance)
Full hot swap support (glitch free power-up/power-down)
Safety and regulatory approvals (pending)
CSA Component Acceptance Notice 5A, DIN V VDE V 0884-
11, UL 1577, CQC11-471543-2012, IEC 61010-1
Complies with ANSI/TIA/EIA-485-A-98 and ISO 8482:1987(E)
28-lead, fine pitch SOIC_W package (10.15 mm × 10.05 mm)
with >8.0 mm creepage and clearance
APPLICATIONS
Heating, ventilation, and air conditioning (HVAC) networks
Industrial field buses
Building automation
Utility networks
Energy meters
GENERAL DESCRIPTION
The ADM2561E, ADM2563E, ADM2565E, and ADM2567E
are 3 kV rms signal and power isolated RS-485 transceivers.
These devices are designed for balanced transmission lines and
comply with ANSI/TIA/EIA-485-A-98 and ISO 8482:1987(E).
The devices pass radiated emissions testing to the EN 55032
Class B standard with margin on a 2-layer printed circuit board
(PCB) using two small external 0402 ferrites on isolated power
and ground pins. The device features an integrated, low electro-
magnetic interference (EMI), isolated dc-to-dc converter, which
eliminates the need for an external isolated power supply. The
isolation barrier provides immunity to system level electromag-
netic compatibility (EMC) standards. The family of isolator
devices features ±12 kV contact and ±15 kV air IEC61000-4-2
ESD protection on the RS-485 A, B, Y, and Z pins. The devices
also features cable invert pins, allowing the user to quickly
correct reversed cable connection on the A, B, Y, and Z bus
pins while maintaining full receiver fail-safe performance.
Slew rate limited versions are available, which are optimized for
low speed over long cable runs, and have a maximum data rate
of 500 kbps. Half duplex and full duplex variants are available.
The full duplex generics allow independent cable inversion of
the driver and receiver for additional flexibility.
Table 18 shows the summary description of each generic.


Similar Part No. - ADM2565EBRNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2582 AD-ADM2582 Datasheet
580Kb / 20P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
ADM2582E AD-ADM2582E Datasheet
580Kb / 20P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
ADM2582E AD-ADM2582E Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADM2582E AD-ADM2582E Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2582EBRWZ AD-ADM2582EBRWZ Datasheet
580Kb / 20P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
More results

Similar Description - ADM2565EBRNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2867E AD-ADM2867E_V01 Datasheet
567Kb / 28P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
   500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM2761E AD-ADM2761E Datasheet
534Kb / 24P
   5.7 kV RMS Isolated, High Working Voltage, RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2582E AD-ADM2582E_V01 Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2582E AD-ADM2582E Datasheet
580Kb / 20P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
ADM2682E_1107 AD-ADM2682E_1107 Datasheet
484Kb / 24P
   5 kV rms Signal and Power Isolated
REV. 0
logo
Texas Instruments
THVD1520 TI1-THVD1520 Datasheet
661Kb / 22P
[Old version datasheet]   THVD1520 10 Mbps RS-485 Transceiver With 짹8-kV IEC ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com