Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX77304-16 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # CX77304-16
Description  CX77304-16 PA Module for Tri-Band EGSM DCS PCS / GPRS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX77304-16 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button CX77304-16 Datasheet HTML 2Page - Skyworks Solutions Inc. CX77304-16 Datasheet HTML 3Page - Skyworks Solutions Inc. CX77304-16 Datasheet HTML 4Page - Skyworks Solutions Inc. CX77304-16 Datasheet HTML 5Page - Skyworks Solutions Inc. CX77304-16 Datasheet HTML 6Page - Skyworks Solutions Inc. CX77304-16 Datasheet HTML 7Page - Skyworks Solutions Inc. CX77304-16 Datasheet HTML 8Page - Skyworks Solutions Inc. CX77304-16 Datasheet HTML 9Page - Skyworks Solutions Inc. CX77304-16 Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DATA SHEET • CX77304-16
PA MODULE FOR TRI-BAND EGSM DCS PCS / GPRS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
July 28, 2004 • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice. • 101944B
Table 3. CX77304-16 Electrical Specifications (1) (4 of 6)
DCS1800 Mode (f = 1710 to 1785 MHz and PIN = 6 to 11 dBm) [continued]
Parameter
Symbol
Test Condition
Minimum
Typical
Maximum
Units
Input VSWR
ΓIN
POUT = 0 to 32 dBm
controlled by VAPC
2:1
Forward isolation
POUT_STANDBY
PIN = 10 dBm
VAPC = 0.3 V
–40
–35
dBm
Time from POUT = –10 dBm to
POUT = 0 dBm,
τ ≈ 90%
4
6
Time from POUT = –10 dBm to
POUT = +20 dBm,
τ ≈ 90%
4
6
Switching time
τRISE, τFALL
Time from POUT = –10 dBm to
POUT = +32 dBm,
τ ≈ 90%
4
6
µs
Spurious
Spur
All combinations of the following
parameters:
VAPC = controlled (3)
PIN = min. to max.
VCC = 2.9 V to 4.8 V
Load VSWR = 8:1,
all phase angles
No parasitic oscillation > –36 dBm
Load mismatch
Load
All combinations of the following
parameters:
VAPC = controlled (3)
PIN = min. to max.
VCC = 2.9 V to 4.8 V
Load VSWR = 10:1,
all phase angles
No module damage or permanent degradation
At f0 + 20 MHz
RBW = 100 kHz
VCC = 3.5 V
5 dBm
≤ POUT ≤ 32 dBm
–80
Noise power
PNOISE
At 925 to 960 MHz
RBW = 100 kHz
VCC = 3.5 V
5 dBm
≤ POUT ≤ 32 dBm
–95
dBm


Similar Part No. - CX77304-16

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX77304-15 SKYWORKS-CX77304-15 Datasheet
611Kb / 20P
   PA Module for Dual-band GSM850 PCS1900 / GPRS Applications
CX77304-17 SKYWORKS-CX77304-17 Datasheet
605Kb / 15P
   CX77304-17 PA Module for Tri-band EGSM DCS PCS / GPRS
More results

Similar Description - CX77304-16

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX77304-17 SKYWORKS-CX77304-17 Datasheet
605Kb / 15P
   CX77304-17 PA Module for Tri-band EGSM DCS PCS / GPRS
SKY77321 SKYWORKS-SKY77321 Datasheet
490Kb / 17P
   PA Module for Tri-Band EGSM / GPRS
SKY77321 SKYWORKS-SKY77321 Datasheet
66Kb / 2P
   PA Module for Tri-Band EGSM / GPRS
logo
Agilent(Hewlett-Packard...
ACPM-7891 HP-ACPM-7891 Datasheet
218Kb / 23P
   Agilent ACPM-7891 Tri-Band Power Amplifier Module EGSM, DCS and PCS Multi-slot GPRS
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
   EGSM/DCS/PCS Triple Band Power Amplifier Module
AWT6107 ANADIGICS-AWT6107 Datasheet
233Kb / 8P
   EGSM/DCS Dual Band 3.5V GPRS Power Amplifier Module
logo
STMicroelectronics
STB7003 STMICROELECTRONICS-STB7003 Datasheet
221Kb / 9P
   TRI-BAND GSM/DCS/PCS LNA
logo
WALSIN TECHNOLOGY CORPO...
RFLPF10051G8D1T WALSIN-RFLPF10051G8D1T Datasheet
372Kb / 2P
   For DCS/ PCS Band Application
logo
Skyworks Solutions Inc.
SKY77346 SKYWORKS-SKY77346 Datasheet
107Kb / 2P
   iPAC??PA Module for Quad-Band GSM / GPRS
CX77304-15 SKYWORKS-CX77304-15 Datasheet
611Kb / 20P
   PA Module for Dual-band GSM850 PCS1900 / GPRS Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com