Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1232 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1232
Description  Microprocessor Monitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1232 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1232 Datasheet HTML 1Page - ON Semiconductor NCP1232 Datasheet HTML 2Page - ON Semiconductor NCP1232 Datasheet HTML 3Page - ON Semiconductor NCP1232 Datasheet HTML 4Page - ON Semiconductor NCP1232 Datasheet HTML 5Page - ON Semiconductor NCP1232 Datasheet HTML 6Page - ON Semiconductor NCP1232 Datasheet HTML 7Page - ON Semiconductor NCP1232 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NCP1232
http://onsemi.com
2
FUNCTIONAL BLOCK DIAGRAM
VDCC
5%/10%
TOLERANCE
SELECT
DEBOUNCE
WATCHDOG
TIMEBASE
SELECT
WATCHDOG
TIMER
RESET
GENERATOR
TOL
PB RST
TD
RST
RST
ST
GND
NCP1232
REF
PIN DESCRIPTION
Pin No.
(8–Pin SOIC)
Symbol
Description
1
PB RST
Push–button Reset Input. A debounced active–low input that ignores pulses less than 1 msec in
duration and is guaranteed to recognize inputs of 20 msec or greater.
2
TD
Time Delay Set. The watchdog time–out select input (tTD = 150 msec for
TD = 0 V, tTD = 600 msec for TD = open, tTD = 1.2 sec for TD = VCC.)
3
TOL
Tolerance Input. Connect to GND for 5% tolerance or to VCC for 10% tolerance.
4
GND
Ground.
5
RST
Reset Output (Active High) – goes active:
1. If VCC falls below the selected reset voltage threshold
2. If PB RST is forced low
3. If ST is not strobed within the minimum time–out period
4. During power–up
6
RST
Reset Output (Active Low, Open Drain) – see RST.
7
ST
Strobe Input. Input for watchdog timer.
8
VCC
The +5 V Power Supply Input.


Similar Part No. - NCP1232

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1230 ONSEMI-NCP1230 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1230 ONSEMI-NCP1230 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
More results

Similar Description - NCP1232

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
logo
TelCom Semiconductor, I...
TC1232 TELCOM-TC1232 Datasheet
65Kb / 6P
   MICROPROCESSOR MONITOR
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_13 Datasheet
282Kb / 20P
   Microprocessor Monitor
2002-2012 10/26/12
logo
California Micro Device...
CM1232 CALMIRCO-CM1232 Datasheet
171Kb / 4P
   CMOS MICROPROCESSOR MONITOR CIRCUIT
logo
Maxim Integrated Produc...
ICL7665CPA MAXIM-ICL7665CPA Datasheet
114Kb / 12P
   Microprocessor Voltage Monitor with
19-0001; Rev 2; 8/97
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
Maxim Integrated Produc...
MAX1232 MAXIM-MAX1232 Datasheet
174Kb / 6P
   MAX 1232 Microprocessor Monitor
19-3899; Rev 1; 2/91
logo
List of Unclassifed Man...
MTV003 ETC-MTV003 Datasheet
224Kb / 13P
   Microprocessor Compatible Monitor Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com