Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V24A54E300BS Datasheet(PDF) 6 Page - Vicor Corporation

Part # V24A54E300BS
Description  FasTrak Maxi E-Grade Family DC-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V24A54E300BS Datasheet(HTML) 6 Page - Vicor Corporation

  V24A54E300BS Datasheet HTML 1Page - Vicor Corporation V24A54E300BS Datasheet HTML 2Page - Vicor Corporation V24A54E300BS Datasheet HTML 3Page - Vicor Corporation V24A54E300BS Datasheet HTML 4Page - Vicor Corporation V24A54E300BS Datasheet HTML 5Page - Vicor Corporation V24A54E300BS Datasheet HTML 6Page - Vicor Corporation V24A54E300BS Datasheet HTML 7Page - Vicor Corporation V24A54E300BS Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Maxi E-Grade Family
Rev. 1.1
Page 6 of 8
Set your site on VICOR at www.vicorpower.com
+Out
+S
SC
–S
–Out
+Sense from
other modules
in the array
Figure 12—OR’ing diodes connections.
Module 2
Module 1
Module N+1
+Out
+S
SC
–S
–Out
+Out
+S
SC
–S
–Out
+Out
+S
SC
–S
–Out
Load
+S
–S
+S
–S
+S
–S
Figure 11—N+1 module array output connections.
• The +Out and –Out power buses should be
designed to minimize and balance parasitic
impedance from each module output to the load.
• The +Sense pins should be tied to the same
point on the +Out power bus; the –Sense pins
should be tied to the same point on the –Out
power bus.
• At the discretion of the power system designer,
a subset of all modules within an array may be
configured as slaves by shorting SC to –S.
• OR’ing diodes may be inserted in series with
the +Out pins of each module to provide
module output fault tolerance.
CONTROL FUNCTIONS - PR PIN
Parallel Operation
The PR pin supports paralleling for increased power with N+1
(N+M) redundancy and phased array capability. Modules of
the same input voltage, output voltage, and power level will
current share if all PR pins are suitably interfaced.
Compatible interface architectures include the following:
DC coupled single-wire interface. All PR pins are directly
connected to one another. This interface supports current
sharing but is not fault tolerant. Minus In pins must be tied to
the same electric potential. See Figure 9.
AC coupled single-wire interface. All PR pins are connected
to a single communication bus through 0.001µF (500V)
capacitors. This interface supports current sharing and is fault
tolerant except for the communication bus. See Figure 10.
Figure 9—DC coupled single-wire interface.
+In
PC
PR
–In
Module 2
(up to 12)
+In
PC
PR
–In
Module 1
Ground plane
+In
PC
PR
–In
Module 2
(up to 12)
+In
PC
PR
–In
Module 1
Ground plane
Figure 10—AC coupled single-wire interface.
0.001µF
0.001µF
PIN STYLES *
Designator
Description
Notes
(None)
Short solder
Requires in-board, mounting
L
Long solder
On-board mounting for 0.065" boards
S
Short ModuMate
SurfMate or in-board socket mounting – RoHS compliant
N
Long ModuMate
On-board socket mounting – RoHS compliant
* Pin style designator follows the “B” after the output power and precedes the baseplate designator.
Ex. V375A24C600BN — Long ModuMate Pins


Similar Part No. - V24A54E300BS

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A5C100A VICOR-V24A5C100A Datasheet
526Kb / 8P
   24Vin / 28Vout / 100Watts DC-DC Converter Module
V24A5C300B VICOR-V24A5C300B Datasheet
512Kb / 15P
   DC-DC Converter Module
V24A5C300B2 VICOR-V24A5C300B2 Datasheet
512Kb / 15P
   DC-DC Converter Module
V24A5C300B3 VICOR-V24A5C300B3 Datasheet
512Kb / 15P
   DC-DC Converter Module
V24A5C300BF VICOR-V24A5C300BF Datasheet
512Kb / 15P
   DC-DC Converter Module
More results

Similar Description - V24A54E300BS

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5E24BL1 VICOR-V24C5E24BL1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V24B5E24BL1 VICOR-V24B5E24BL1 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com