Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1701A Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1701A
Description  MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1701A Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1701A Datasheet HTML 1Page - Advanced Linear Devices ALD1701A Datasheet HTML 2Page - Advanced Linear Devices ALD1701A Datasheet HTML 3Page - Advanced Linear Devices ALD1701A Datasheet HTML 4Page - Advanced Linear Devices ALD1701A Datasheet HTML 5Page - Advanced Linear Devices ALD1701A Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GENERAL DESCRIPTION
The ALD1701 is a monolithic CMOS micropower high slew rate operational
amplifier intended for a broad range of analog applications using
±1V to
±6V dual power supply systems, as well as +2V to +12V battery operated
systems. All device characteristics are specified for +5V single supply or
±2.5V dual supply systems. Supply current is 250µA maximum at 5V
supply voltage. It is manufactured with Advanced Linear Devices' en-
hanced ACMOS silicon gate CMOS process.
The ALD1701 is designed to offer a trade-off of performance parameters
providing a wide range of desired specifications. It offers the popular
industry standard pin configuration of
µA741 and ICL7611 types.
The ALD1701 has been developed specifically for the +5V single supply or
±1V to ±6V dual supply user. Several important characteristics of the
device make application easier to implement at those voltages.
First, the operational amplifier can operate with rail to rail input and output
voltages. This means the signal input voltage and output voltage can be
equal to the positive and negative supply voltages. This feature allows
numerous analog serial stages and flexibility in input signal bias levels.
Secondly, the device was designed to accommodate mixed applications
where digital and analog circuits may operate off the same power supply
or battery. Thirdly, the output stage can typically drive up to 50pF capacitive
and 10K
Ω resistive loads.
These features, combined with extremely low input currents, high open
loop voltage gain of 100V/mV, useful bandwidth of 700KHz, a slew rate of
0.7V/
µs, low power dissipation of 0.5mW, low offset voltage and tempera-
ture drift, make the ALD1701 a versatile, micropower operational amplifier.
The ALD1701, designed and fabricated with silicon gate CMOS techno-
logy, offers 1pA typical input bias current. On chip offset voltage trimming
allows the device to be used without nulling in most applications.
FEATURES
• All parameters specified for +5V single
supply or
±2.5V dual supply systems
• Rail to rail input and output voltage ranges
• No frequency compensation required --
unity gain stable
• Extremely low input bias currents --
1.0pA typical (30pA max.)
• Ideal for high source impedance
applications
• Dual power supply
±1.0V to ±6.0V operation
• Single power supply +2V to +12V operation
• High voltage gain -- typically 100V/mV
@
±2.5V(100dB)
• Drive as low as 10K
Ω load
• Output short circuit protected
• Unity gain bandwidth of 0.7MHz
• Slew rate of 0.7V/
µs
• Low power dissipation
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A/ALD1701B
ALD1701/ALD1701G
ADVANCED
LINEAR
DEVICES, INC.
APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
PIN CONFIGURATION
* N/C Pin is internally connected. Do not connect externally.
1
2
2
3
4
8
7
6
5
TOP VIEW
DA, PA, SA PACKAGE
N/C
-IN
+IN
N/C
OUT
N/C
V-
V+
Operating Temperature Range
-55
°C to +125°C0°C to +70°C0°C to +70°C
8-Pin
8-Pin
8-Pin
CERDIP
Small Outline
Plastic Dip
Package
Package (SOIC)
Package
ALD1701A DA
ALD1701A SA
ALD1701A PA
ALD1701B DA
ALD1701B SA
ALD1701B PA
ALD1701 DA
ALD1701 SA
ALD1701 PA
ALD1701G DA
ALD1701G SA
ALD1701G PA
* Contact factory for industrial temperature range
ORDERING INFORMATION
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Similar Part No. - ALD1701A

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD1701ADA ALD-ALD1701ADA Datasheet
85Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1701ADA ADL-ALD1701ADA Datasheet
80Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD1701APAL ALD-ALD1701APAL Datasheet
85Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1701APAL ADL-ALD1701APAL Datasheet
80Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results

Similar Description - ALD1701A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1706A ALD-ALD1706A Datasheet
44Kb / 6P
   ULTRA MICROPOWER RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1706A ALD-ALD1706A_10 Datasheet
82Kb / 9P
   ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1706A ADL-ALD1706A Datasheet
77Kb / 9P
   ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD2711 ALD-ALD2711_11 Datasheet
85Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711A ALD-ALD2711A Datasheet
48Kb / 6P
   DUAL MICROPOWER PRECISION RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com