Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT2222AT1D Datasheet(PDF) 3 Page - ON Semiconductor

Part # PZT2222AT1D
Description  NPN SILICON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PZT2222AT1D Datasheet(HTML) 3 Page - ON Semiconductor

  PZT2222AT1D Datasheet HTML 1Page - ON Semiconductor PZT2222AT1D Datasheet HTML 2Page - ON Semiconductor PZT2222AT1D Datasheet HTML 3Page - ON Semiconductor PZT2222AT1D Datasheet HTML 4Page - ON Semiconductor PZT2222AT1D Datasheet HTML 5Page - ON Semiconductor PZT2222AT1D Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PZT2222AT1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Vi
90%
10%
tp
tr
0
VCC
R2
R1
Vi
D.U.T.
Vo
Figure 1. Input Waveform and Test Circuit for Determining Delay Time and Rise Time
Figure 2. Input Waveform and Test Circuit for Determining Storage Time and Fall Time
Vi = – 0.5 V to +9.9 V, VCC = +30 V, R1 = 619 Ω, R2 = 200 Ω.
PULSE GENERATOR:
OSCILLOSCOPE:
PULSE DURATION
tp ≤
200 ns
INPUT IMPEDANCE
Zi > 100 kΩ
RISE TIME
tr ≤
2 ns
INPUT CAPACITANCE
Ci <
12 pF
DUTY FACTOR
δ =
0.02
RISE TIME
tr
<
5 ns
tf
100
µs
– 13.8 V
0
+16.2 V
Vi
TIME
VCC
Vo
OSCILLOSCOPE
D.U.T.
Vi
R2
R3
R4
D1
R1
VBB


Similar Part No. - PZT2222AT1D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
PZT2222AT1 MOTOROLA-PZT2222AT1 Datasheet
136Kb / 6P
   SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
PZT2222AT1G ONSEMI-PZT2222AT1G Datasheet
113Kb / 5P
   NPN Silicon Planar Epitaxial Transistor
August, 2013 ??Rev. 9
More results

Similar Description - PZT2222AT1D

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXT2222A CENTRAL-CXT2222A Datasheet
103Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CXT491E CENTRAL-CXT491E Datasheet
73Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846 CENTRAL-BC846 Datasheet
345Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846W CENTRAL-BC846W Datasheet
422Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW31 CENTRAL-BCW31 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CTLT8099-M322S_1210 CENTRAL-CTLT8099-M322S_1210 Datasheet
505Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW65 CENTRAL-BCW65_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT5551 CENTRAL-CMPT5551_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMUT2222A CENTRAL-CMUT2222A_15 Datasheet
349Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A_10 Datasheet
534Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT3019 CENTRAL-CZT3019_10 Datasheet
535Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com