Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMP-1638 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HDMP-1638
Description  Gigabit Ethernet Transceiver Chip with Dual Serial I/O and Differential PECL Clock Inputs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1638 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1638 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-1638 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-1638 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-1638 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-1638 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1638 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-1638 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-1638 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-1638 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Symbol
Parameter
Units Min. Typ. Max.
VIH,PECL PECL Input High Voltage Level
V
2.14
2.42
VIL,PECL PECL Input Low Voltage Level
V
1.49
1.82
HDMP-1638 (TRx)
PECL DC Electrical Specifications
TA = 0 °C to +70 °C, VCC = 3.15 V to 3.45 V
Symbol
Parameter
Units
Min.
Typ.
Max.
VIH,TTL
TTL Input High Voltage Level, Guaranteed High Signal
V
2
5.5
For All Inputs
VIL,TTL
TTL Input Low Voltage Level, Guaranteed Low Signal
V
0
0.8
For All Inputs
VOH,TTL
TTL Output High Voltage Level, IOH = -400 µA
V
2.2
VCC
VOL,TTL
TTL Output Low Voltage Level, IOL = 1 mA
V
0
0.6
IIH,TTL
Input High Current (Magnitude), VIN = 2.4 V, VCC = 3.45 V
µA40
IIL,TTL
Input Low Current (Magnitude), VIN = 0.4 V, VCC = 3.45 V
µA
-600
ICC,TRx[1,2]
Transceiver VCC Supply Current, TA = 25 °C
ma
270
Notes:
1. Masurement Conditions: Tested sending 1250 MBd PRBS 2^7-1 sequence from a serial BERT with both DOUT outputs biased with
150
Ω resistors.
2. Typical specified with VCC = 3.3 volts, maximum specified with VCC = 3.45 volts.
HDMP-1638 (TRx)
DC Electrical Specifications
TA = 0 °C to +70 °C, VCC = 3.15 V to 3.45 V


Similar Part No. - HDMP-1638

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
   Gigabit Ethernet Transceiver Chip
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
   Gigabit Ethernet and Fibre Channel SerDes ICs
logo
Broadcom Corporation.
HDMP-1636A BOARDCOM-HDMP-1636A Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
logo
Agilent(Hewlett-Packard...
HDMP-1637A HP-HDMP-1637A Datasheet
256Kb / 16P
   Gigabit Ethernet SerDes Circuit with Differential PECL Clock Inputs
More results

Similar Description - HDMP-1638

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1637A HP-HDMP-1637A Datasheet
256Kb / 16P
   Gigabit Ethernet SerDes Circuit with Differential PECL Clock Inputs
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
   Gigabit Ethernet Transceiver Chip
logo
Red Lion Controls. Inc
ET-16DI2 REDLION-ET-16DI2 Datasheet
744Kb / 1P
   Ethernet I/O Module ??Discrete Inputs
ET-16AI2 REDLION-ET-16AI2 Datasheet
462Kb / 1P
   Ethernet I/O Module ??Analog Inputs
logo
NXP Semiconductors
MC92604 NXP-MC92604 Datasheet
203Kb / 2P
   Dual Gigabit Ethernet SerDes Transceiver
2004 REV 1
logo
New Japan Radio
NJU6355 NJRC-NJU6355 Datasheet
62Kb / 6P
   SERIAL I/O REAL TIME CLOCK
logo
Wolfson Microelectronic...
WM0831 WOLFSON-WM0831 Datasheet
535Kb / 14P
   8-Bit ADCs with Serial Interface and Differential or Dual Inputs
logo
New Japan Radio
NJU6350 NJRC-NJU6350 Datasheet
87Kb / 9P
   SERIAL I/O REAL TIME CLOCK
NJU6356 NJRC-NJU6356 Datasheet
72Kb / 6P
   SERIAL I/O REAL TIME CLOCK
logo
Integrated Device Techn...
8T33FS6222 IDT-8T33FS6222 Datasheet
779Kb / 34P
   Two selectable differential PECL inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com