Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL300 Datasheet(PDF) 2 Page - Electronic devices inc.

Part # DL300
Description  FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

DL300 Datasheet(HTML) 2 Page - Electronic devices inc.

  DL300 Datasheet HTML 1Page - Electronic devices inc. DL300 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
75
50
25
0
0
25
50
75
100
125
150
FIG.1
OUTPUT CURRENT vs AMBIENT TEMPERATURE
FIG.2
NON- REPETITIVE SURGE CURRENT
0.1SEC
1.0SEC
100
75
50
25
0
1
2
3
4
5 6 7
9 10
20
30
40 50 60
8
CYCLES(60 Hz)
DL300
DL1200
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
AMBIENT TEMPERATURE
OC
REVERSE RECOVERY TEST METHOD
FIG.4
RECOVERY WAVE FORM
RECOVERY WA VE FORM
IF=2MA
D.U.T.
SCOPE
50
N I
N I
I R=5MA
I RR=1MA
WAVE FORMS
PULSE
GENERATOR
CIRCUIT
1000
0.1
Trr
Ee-mail:sales@edidiodes.com Wwebsite: http://www.edidiodes.com
*
FIG.3
LEAD-SOLDER DIPPED COPPER
MARKING:CATHODE BAND
AND DEVICE TYPE
MECHANICAL
.125 Dia.
.400
.021 Dia.
1.0Min Both Ends
-


Similar Part No. - DL300

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
DL30 MSYSTEM-DL30 Datasheet
617Kb / 11P
   WEB-ENABLED REMOTE TERMINAL UNIT
DL30-G-R MSYSTEM-DL30-G-R Datasheet
617Kb / 11P
   WEB-ENABLED REMOTE TERMINAL UNIT
DL30-G-R/Q MSYSTEM-DL30-G-R/Q Datasheet
617Kb / 11P
   WEB-ENABLED REMOTE TERMINAL UNIT
More results

Similar Description - DL300

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
DR300 EDI-DR300 Datasheet
45Kb / 2P
   FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
SR300 EDI-SR300 Datasheet
44Kb / 2P
   FAST RECOVERY,100ns. HIGH VOLTAGE 25ma,MINIATURE SILICON RECTIFIERS
logo
First Components Intern...
FR02 FCI-FR02 Datasheet
93Kb / 2P
   HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
logo
Semtech Corporation
DD300 SEMTECH-DD300 Datasheet
93Kb / 2P
   FAST RECOVERY HIGH VOLTAGE SILICON RECTIFIERS
logo
Fuji Electric
CS57-04A FUJI-CS57-04A Datasheet
32Kb / 2P
   Fast Recovery High Voltage Silicon Rectifiers
logo
Edal Industries, Inc.
BS757 EDAL-BS757 Datasheet
55Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BR757 EDAL-BR757 Datasheet
55Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BT757 EDAL-BT757 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Electronic devices inc.
RVF EDI-RVF Datasheet
45Kb / 2P
   FAST RECOVERY - HIGH VOLTAGE HIGH CURRENT SILICON RECTIFIERS
logo
Edal Industries, Inc.
BU757 EDAL-BU757 Datasheet
50Kb / 1P
   SUB- MINIATURE SILICON HIGH VOLTAGE ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com