Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G14GW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AUP1G14GW
Description  Low-power Schmitt-trigger inverter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G14GW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP1G14GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 12Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9397 750 14676
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 20 July 2005
9 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
Table 10:
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Max
Min
Max
CL = 5 pF
tPHL, tPLH
propagation delay A to Y see Figure 6
VCC = 1.1 V to 1.3 V
2.2
13.6
2.2
15.0
ns
VCC = 1.4 V to 1.6 V
1.8
8.9
1.8
9.8
ns
VCC = 1.65 V to 1.95 V
1.9
7.3
1.9
8.1
ns
VCC = 2.3 V to 2.7 V
1.7
5.9
1.7
6.5
ns
VCC = 3.0 V to 3.6 V
1.7
4.9
1.7
5.4
ns
CL = 10 pF
tPHL, tPLH
propagation delay A to Y see Figure 6
VCC = 1.1 V to 1.3 V
2.5
15.8
2.5
17.4
ns
VCC = 1.4 V to 1.6 V
2.2
10.3
2.2
11.4
ns
VCC = 1.65 V to 1.95 V
2.3
8.4
2.3
9.3
ns
VCC = 2.3 V to 2.7 V
2.1
6.8
2.1
7.5
ns
VCC = 3.0 V to 3.6 V
2.1
5.6
2.1
6.2
ns
CL = 15 pF
tPHL, tPLH
propagation delay A to Y see Figure 6
VCC = 1.1 V to 1.3 V
2.8
17.3
2.8
19.1
ns
VCC = 1.4 V to 1.6 V
2.9
11.5
2.9
12.7
ns
VCC = 1.65 V to 1.95 V
2.6
9.4
2.6
10.4
ns
VCC = 2.3 V to 2.7 V
2.5
7.4
2.5
8.2
ns
VCC = 3.0 V to 3.6 V
2.4
6.1
2.4
6.8
ns
CL = 30 pF
tPHL, tPLH
propagation delay A to Y see Figure 6
VCC = 1.1 V to 1.3 V
4.5
20.5
4.5
22.6
ns
VCC = 1.4 V to 1.6 V
3.8
14.7
3.8
16.2
ns
VCC = 1.65 V to 1.95 V
3.4
12.0
3.4
13.2
ns
VCC = 2.3 V to 2.7 V
3.3
8.8
3.3
9.7
ns
VCC = 3.0 V to 3.6 V
3.2
7.3
3.2
8.1
ns


Similar Part No. - 74AUP1G14GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G14GW NXP-74AUP1G14GW Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
74AUP1G14GW NXP-74AUP1G14GW Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
logo
Nexperia B.V. All right...
74AUP1G14GW NEXPERIA-74AUP1G14GW Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
More results

Similar Description - 74AUP1G14GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AXP1G14 PHILIPS-74AXP1G14_15 Datasheet
348Kb / 17P
   Low-power Schmitt trigger inverter
Rev. 1-28 August 2014
logo
Nexperia B.V. All right...
74AUP1G14-Q100 NEXPERIA-74AUP1G14-Q100 Datasheet
239Kb / 14P
   Low-power Schmitt trigger inverter
Rev. 2 - 27 January 2021
logo
NXP Semiconductors
74AUP1G14GF NXP-74AUP1G14GF Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
   Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com