Electronic Components Datasheet Search |
|
C3216C0G2J102M Datasheet(PDF) 6 Page - TDK Electronics |
|
C3216C0G2J102M Datasheet(HTML) 6 Page - TDK Electronics |
6 / 8 page • All specifications are subject to change without notice. (6/8) 001-01 / 20020221 / e42144_c2012.fm Ceramic Capacitors C Series For Mid Voltage SMD C3225 (EIA:CC1210) TYPE CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION) TEMPERATURE CHARACTERISTICS: C0G(0±30ppm/°C) RATED VOLTAGE Edc: 630V RATED VOLTAGE Edc: 250V RATED VOLTAGE Edc: 100V CAPACITANCE RANGES: CLASS 2 TEMPERATURE CHARACTERISTICS: X7R(±15%) RATED VOLTAGE Edc:630V RATED VOLTAGE Edc:250V RATED VOLTAGE Edc:100V Capacitance (pF) Tolerance Thickness (mm) Part No. 3900 ±5% 1.25±0.2 C3225C0G2J392J ±10% 1.25±0.2 C3225C0G2J392K 4700 ±5% 1.6±0.2 C3225C0G2J472J ±10% 1.6±0.2 C3225C0G2J472K 5600 ±5% 1.6±0.2 C3225C0G2J562J ±10% 1.6±0.2 C3225C0G2J562K 6800 ±5% 2.0±0.2 C3225C0G2J682J ±10% 2.0±0.2 C3225C0G2J682K Capacitance (pF) Tolerance Thickness (mm) Part No. 10000 ±5% 1.6±0.2 C3225C0G2E103J ±10% 1.6±0.2 C3225C0G2E103K 15000 ±5% 2.0±0.2 C3225C0G2E153J ±10% 2.0±0.2 C3225C0G2E153K Capacitance (pF) Tolerance Thickness (mm) Part No. 15000 ±5% 1.25±0.2 C3225C0G2A153J ±10% 1.25±0.2 C3225C0G2A153K 22000 ±5% 1.6±0.2 C3225C0G2A223J ±10% 1.6±0.2 C3225C0G2A223K 33000 ±5% 2.0±0.2 C3225C0G2A333J ±10% 2.0±0.2 C3225C0G2A333K Capacitance (pF) Tolerance Thickness (mm) Part No. 47000 ±10% 2.0±0.2 C3225X7R2J473K ±20% 2.0±0.2 C3225X7R2J473M 68000 ±10% 2.0±0.2 C3225X7R2J683K ±20% 2.0±0.2 C3225X7R2J683M Capacitance (pF) Tolerance Thickness (mm) Part No. 100000 ±10% 2.0±0.2 C3225X7R2E104K ±20% 2.0±0.2 C3225X7R2E104M 150000 ±10% 2.0±0.2 C3225X7R2E154K ±20% 2.0±0.2 C3225X7R2E154M 220000 ±10% 2.0±0.2 C3225X7R2E224K ±20% 2.0±0.2 C3225X7R2E224M Capacitance (pF) Tolerance Thickness (mm) Part No. 330000 ±10% 2.0±0.2 C3225X7R2A334K ±20% 2.0±0.2 C3225X7R2A334M 470000 ±10% 2.0±0.2 C3225X7R2A474K ±20% 2.0±0.2 C3225X7R2A474M ∗ M tolerance is standard for Mid Voltage X7R capacitors. • For more information about products with other capacitance or other data, please contact us. |
Similar Part No. - C3216C0G2J102M |
|
Similar Description - C3216C0G2J102M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |