Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4649 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # Q67040-S4649
Description  HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4649 Datasheet(HTML) 2 Page - Infineon Technologies AG

  Q67040-S4649 Datasheet HTML 1Page - Infineon Technologies AG Q67040-S4649 Datasheet HTML 2Page - Infineon Technologies AG Q67040-S4649 Datasheet HTML 3Page - Infineon Technologies AG Q67040-S4649 Datasheet HTML 4Page - Infineon Technologies AG Q67040-S4649 Datasheet HTML 5Page - Infineon Technologies AG Q67040-S4649 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4649 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4649 Datasheet HTML 8Page - Infineon Technologies AG Q67040-S4649 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IKA03N120H2
Power Semiconductors
2
Mar-04, Rev. 2
Thermal Resistance
Parameter
Symbol
Conditions
Max. Value
Unit
Characteristic
IGBT thermal resistance,
junction – case
RthJC
4.3
Diode thermal resistance,
junction - case
RthJCD
5.8
Thermal resistance,
junction – ambient
RthJA
P-TO-220-3-31
P-TO-220-3-34
62
K/W
Electrical Characteristic, at Tj = 25
°C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Static Characteristic
Collector-emitter breakdown voltage
V(BR)CES VGE=0V, IC=300
µA
1200
-
-
Collector-emitter saturation voltage
VCE(sat)
VGE = 15V, IC=3A
Tj=25
°C
Tj=150
°C
VGE = 10V, IC=3A,
Tj=25
°C
-
-
-
2.2
2.5
2.4
2.8
-
-
Diode forward voltage
VF
VGE = 0, IF=3A
Tj=25
°C
Tj=150
°C
-
-
1.55
1.6
-
-
Gate-emitter threshold voltage
VGE(th)
IC=90
µA,VCE=VGE
2.1
3
3.9
V
Zero gate voltage collector current
ICES
VCE=1200V,VGE=0V
Tj=25
°C
Tj=150
°C
-
-
-
-
20
80
µA
Gate-emitter leakage current
IGES
VCE=0V,VGE=20V
-
-
100
nA
Transconductance
gfs
VCE=20V, IC=3A
-
2
-
S
Dynamic Characteristic
Input capacitance
Ciss
-
205
-
Output capacitance
Coss
-
24
-
Reverse transfer capacitance
Crss
VCE=25V,
VGE=0V,
f=1MHz
-
7
-
pF
Gate charge
QGate
VCC=960V, IC=3A
VGE=15V
-
8.6
-
nC
Internal emitter inductance
measured 5mm (0.197 in.) from case
LE
P-TO-220-3-1
-
7
-
nH


Similar Part No. - Q67040-S4649

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040-S4640 INFINEON-Q67040-S4640 Datasheet
230Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
Q67040-S4648 INFINEON-Q67040-S4648 Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
More results

Similar Description - Q67040-S4649

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKP03N120H2 INFINEON-IKP03N120H2 Datasheet
431Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2, Mar-04
IKP03N120H2 INFINEON-IKP03N120H2_08 Datasheet
381Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.5 Sept. 08
IKB01N120H2 INFINEON-IKB01N120H2 Datasheet
385Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 May 06
IKP01N120H2 INFINEON-IKP01N120H2 Datasheet
387Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 May 06
IKA10N60T INFINEON-IKA10N60T Datasheet
368Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IHW40T120 INFINEON-IHW40T120 Datasheet
354Kb / 14P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Mar-04
IKB15N60T INFINEON-IKB15N60T Datasheet
398Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKP20N60T INFINEON-IKP20N60T Datasheet
435Kb / 15P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IHW15T120 INFINEON-IHW15T120 Datasheet
339Kb / 14P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.3 Sep 08
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com