Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP6L7591 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TISP6L7591
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TISP6L7591 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TISP6L7591 Datasheet HTML 1Page - List of Unclassifed Manufacturers TISP6L7591 Datasheet HTML 2Page - List of Unclassifed Manufacturers TISP6L7591 Datasheet HTML 3Page - List of Unclassifed Manufacturers TISP6L7591 Datasheet HTML 4Page - List of Unclassifed Manufacturers TISP6L7591 Datasheet HTML 5Page - List of Unclassifed Manufacturers TISP6L7591 Datasheet HTML 6Page - List of Unclassifed Manufacturers TISP6L7591 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MAY 2002 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
This small-outline package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound is
designed to withstand normal soldering temperatures with no deformation and circuit performance characteristics will remain stable when
operated in most high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
D008 Plastic Small-outline Package
TISP6L7591 SLIC Protector
MECHANICAL DATA
NOTES: A. Leads are within 0.25 (0.010) radius of true position at maximum material condition.
B. Body dimensions do not include mold flash or protrusion.
C. Mold flash or protrusion shall not exceed 0.15 (0.006).
D. Lead tips to be planar within ±0.051 (0.002).
D008
8
765
4
3
2
1
8-pin Small Outline Microelectronic Standard
Package MS-012, JEDEC Publication 95
MDXXAA E
INDEX
4.80 - 5.00
(0.189 - 0.197)
5.80 - 6.20
(0.228 - 0.244)
3.81 - 4.00
(0.150 - 0.157)
1.35 - 1.75
(0.053 - 0.069)
0.102 - 0.203
(0.004 - 0.008)
0.28 - 0.79
(0.011 - 0.031)
0.51 - 1.12
(0.020 - 0.044)
4.60 - 5.21
(0.181 - 0.205)
0.36 - 0.51
(0.014 - 0.020)
0.25 - 0.50
(0.010 - 0.020)
0.190 - 0.229
(0.0075 - 0.0090)
Pin Spacing
1.27
(0.050)
(see Note A)
6 places
x 45 ° N0M
8 Places
7 ° NOM
4 Places
7 ° NOM
3 Places
4 ° ± 4 °
DIMENSIONS ARE:
MILLIMETERS
(INCHES)


Similar Part No. - TISP6L7591

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61060DR POINN-TISP61060DR Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61060P POINN-TISP61060P Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP6L7591

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com