Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC59LM814CFT-55 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC59LM814CFT-55
Description  4,194,304 / 8,388,608-WORDS x 4 BANKS x 16 / 8-BITS Network FCRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM814CFT-55 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC59LM814CFT-55 Datasheet HTML 1Page - Toshiba Semiconductor TC59LM814CFT-55 Datasheet HTML 2Page - Toshiba Semiconductor TC59LM814CFT-55 Datasheet HTML 3Page - Toshiba Semiconductor TC59LM814CFT-55 Datasheet HTML 4Page - Toshiba Semiconductor TC59LM814CFT-55 Datasheet HTML 5Page - Toshiba Semiconductor TC59LM814CFT-55 Datasheet HTML 6Page - Toshiba Semiconductor TC59LM814CFT-55 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM814CFT-55 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM814CFT-55 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TC59LM814/06CFT-50,-55,-60
2002-08-19
4/38
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
NOTES
VDD
Power Supply Voltage
−0.3~ 3.3
V
VDDQ
Power Supply Voltage (for I/O buffer)
−0.3~VDD+ 0.3
V
VIN
Input Voltage
−0.3~VDD+ 0.3
V
VOUT
DQ pin Voltage
−0.3~VDDQ + 0.3
V
VREF
Input Reference Voltage
−0.3~3.3
V
Topr
Operating Temperature
0~70
°C
Tstg
Storage Temperature
−55~150
°C
Tsolder
Soldering Temperature (10 s)
260
°C
PD
Power Dissipation
1
W
IOUT
Short Circuit Output Current
±50
mA
Caution: Conditions outside the limits listed under “ABSOLUTE MAXIMUM RATINGS” may cause permanent damage to the device.
The device is not meant to be operated under conditions outside the limits described in the operational section of this
specification.
Exposure to “ABSOLUTE MAXIMUM RATINGS” conditions for extended periods may affect device reliability.
RECOMMENDED DC, AC OPERATING CONDITIONS (Notes: 1)(Ta
==== 0°~70°C)
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
NOTES
VDD
Power Supply Voltage
2.35
2.5
2.65
V
VDDQ
Power Supply Voltage (for I/O buffer)
2.35
VDD
VDD
V
VREF
Input Reference Voltage
VDDQ/2 × 96%
VDDQ/2
VDDQ/2 × 104%
V
2
VIH (DC)
Input DC High Voltage
VREF + 0.2
VDDQ + 0.2
V
5
VIL (DC)
Input DC Low Voltage
−0.1
VREF − 0.2
V
5
VICK (DC)
Differential Clock DC Input Voltage
−0.1
VDDQ + 0.1
V
10
VID (DC)
Input Differential Voltage.
CLK and CLK inputs (DC)
0.4
VDDQ + 0.2
V
7, 10
VIH (AC)
Input AC High Voltage
VREF + 0.35
VDDQ + 0.2
V
3, 6
VIL (AC)
Input AC Low Voltage
−0.1
VREF − 0.35
V
4, 6
VID (AC)
Input Differential Voltage.
CLK and CLK inputs (AC)
0.7
VDDQ + 0.2
V
7, 10
VX (AC)
Differential AC Input Cross Point Voltage
VDDQ/2 − 0.2
VDDQ/2 + 0.2
V
8, 10
VISO (AC)
Differential Clock AC Middle Level
VDDQ/2 − 0.2
VDDQ/2 + 0.2
V
9, 10


Similar Part No. - TC59LM814CFT-55

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMB-40 TOSHIBA-TC59LM818DMB-40 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-40 TOSHIBA-TC59LM818DMG-40 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results

Similar Description - TC59LM814CFT-55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4C89363AF SAMSUNG-K4C89363AF Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
logo
Integrated Silicon Solu...
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IS42S8800 ICSI-IS42S8800 Datasheet
1Mb / 68P
   2(1)M words x 8(16) bits x 4 banks (64-mbit) synchronous dynamic ram
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Winbond
W9812G6JH WINBOND-W9812G6JH_13 Datasheet
834Kb / 42P
   2M x 4 BANKS x 16 BITS SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
W9812G6JB-6I-TR WINBOND-W9812G6JB-6I-TR Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9864G6KH-5-TR WINBOND-W9864G6KH-5-TR Datasheet
693Kb / 42P
   1M X 4 BANKS X 16 BITS SDRAM
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com