Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC59LM814CFT-60 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC59LM814CFT-60
Description  4,194,304 / 8,388,608-WORDS x 4 BANKS x 16 / 8-BITS Network FCRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM814CFT-60 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC59LM814CFT-60 Datasheet HTML 3Page - Toshiba Semiconductor TC59LM814CFT-60 Datasheet HTML 4Page - Toshiba Semiconductor TC59LM814CFT-60 Datasheet HTML 5Page - Toshiba Semiconductor TC59LM814CFT-60 Datasheet HTML 6Page - Toshiba Semiconductor TC59LM814CFT-60 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM814CFT-60 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM814CFT-60 Datasheet HTML 9Page - Toshiba Semiconductor TC59LM814CFT-60 Datasheet HTML 10Page - Toshiba Semiconductor TC59LM814CFT-60 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TC59LM814/06CFT-50,-55,-60
2002-08-19
7/38
AC CHARACTERISTICS AND OPERATING CONDITIONS (Notes: 1, 2)
-50
-55
-60
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
NOTES
tRC
Random Cycle Time
25
27.5
30
3
CL = 3
5.5
8.5
6
12
6.5
12
3
tCK
Clock Cycle Time
CL = 4
5
8.5
5.5
12
6
12
3
tRAC
Random Access Time
22
24
26
3
tCH
Clock High Time
0.45
× tCK
0.45
× tCK
0.45
× tCK
3
tCL
Clock Low Time
0.45
× tCK
0.45
× tCK
0.45
× tCK
3
tCKQS
DQS Access Time from CLK
−0.65
0.65
−0.75
0.75
−0.85
0.85
3, 8
tQSQ
Data Output Skew from DQS
0.4
0.45
0.5
4
tAC
Data Access Time from CLK
−0.65
0.65
−0.75
0.75
−0.85
0.85
3, 8
tOH
Data Output Hold Time from CLK
−0.65
0.65
−0.75
0.75
−0.85
0.85
3, 8
tQSPRE
DQS (read) Preamble Pulse
Width
0.9
× tCK
− 0.2
1.1
× tCK
+ 0.2
0.9
× tCK
− 0.2
1.1
× tCK
+ 0.2
0.9
× tCK
− 0.2
1.1
× tCK
+ 0.2
3, 8
tHP
CLK half period (minimum of
Actual tCH, tCL)
min(tCH,
tCL)
min(tCH,
tCL)
min(tCH,
tCL)
3
tQSP
DQS (read) Pulse Width
tHP
0.55
tHP− 0.6
tHP
0.65
4, 8
tQSQV
Data Output Valid Time from DQS
tHP
0.55
tHP− 0.6
tHP
0.65
4, 8
tDQSS
DQS (write) Low to High Setup
Time
0.75
× tCK 1.25 × tCK 0.75 × tCK 1.25 × tCK 0.75 × tCK 1.25 × tCK
3
tDSPRE
DQS (write) Preamble Pulse Width
0.4
× tCK
0.4
× tCK
0.4
× tCK
4
tDSPRES DQS First Input Setup Time
0
0
0
3
tDSPREH DQS First Low Input Hold Time
0.25
× tCK
0.25
× tCK
0.25
× tCK
3
tDSP
DQS High or Low Input Pulse Width 0.45
× tCK 0.55 × tCK 0.45 × tCK 0.55 × tCK 0.45 × tCK 0.55 × tCK
4
CL = 3
1.3
1.4
1.5
3, 4
tDSS
DQS Input Falling Edge
to Clock Setup Time
CL = 4
1.3
1.4
1.5
3, 4
tDSPST
DQS (write) Postamble Pulse Width
0.45
× tCK
0.45
× tCK
0.45
× tCK
4
CL = 3
1.3
1.4
1.5
3, 4
tDSPSTH
DQS (write) Postamble
Hold Time
CL = 4
1.3
1.4
1.5
3, 4
tDSSK
UDQS - LDQS Skew (x16)
-0.5
× tCK 0.5 × tCK -0.5 × tCK 0.5 × tCK -0.5 × tCK 0.5 × tCK
tDS
Data Input Setup Time from DQS
0.5
0.5
0.6
4
tDH
Data Input Hold Time from DQS
0.5
0.5
0.6
4
tDIPW
Data Input Pulse Width
(for each device)
1.5
1.5
1.9
tIS
Command/Address Input Setup
Time
0.9
0.9
1.0
3
tIH
Command/Address Input Hold
Time
0.9
0.9
1.0
3
tIPW
Command/Address Input Pulse
Width (for each device)
2.0
2.0
2.2
tLZ
Data-out Low Impedance Time
from CLK
−0.65
−0.75
−0.85
3,6,8
tHZ
Data-out High Impedance Time
from CLK
0.65
0.75
0.85
ns
3,7,8


Similar Part No. - TC59LM814CFT-60

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMB-40 TOSHIBA-TC59LM818DMB-40 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-40 TOSHIBA-TC59LM818DMG-40 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results

Similar Description - TC59LM814CFT-60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4C89363AF SAMSUNG-K4C89363AF Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
logo
Integrated Silicon Solu...
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IS42S8800 ICSI-IS42S8800 Datasheet
1Mb / 68P
   2(1)M words x 8(16) bits x 4 banks (64-mbit) synchronous dynamic ram
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Winbond
W9812G6JH WINBOND-W9812G6JH_13 Datasheet
834Kb / 42P
   2M x 4 BANKS x 16 BITS SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
W9812G6JB-6I-TR WINBOND-W9812G6JB-6I-TR Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9864G6KH-5-TR WINBOND-W9864G6KH-5-TR Datasheet
693Kb / 42P
   1M X 4 BANKS X 16 BITS SDRAM
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com