Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM-A3A1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # APM-A3A1
Description  APM Series Compact Proximity Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

APM-A3A1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  APM-A3A1 Datasheet HTML 1Page - List of Unclassifed Manufacturers APM-A3A1 Datasheet HTML 2Page - List of Unclassifed Manufacturers APM-A3A1 Datasheet HTML 3Page - List of Unclassifed Manufacturers APM-A3A1 Datasheet HTML 4Page - List of Unclassifed Manufacturers APM-A3A1 Datasheet HTML 5Page - List of Unclassifed Manufacturers APM-A3A1 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
EXTERNAL DIMENSIONS
(unit: mm)
Top sensing type
Without locking boss
With locking boss
- Vinyl-insulated cord
(oil-resistant: 0.1mm2, 0.08/16, 3-core) 2.5mm dia.
-DC2-wiretype: 2cores
- Vinyl-insulated cord
(oil-resistant: 0.1mm2, 0.08/16, 3-core) 2.5mm dia.
-DC2-wiretype: 2cores
Side sensing type
Without locking boss
With locking boss
- Vinyl-insulated cord
(oil-resistant: 0.1mm2, 0.08/16, 3-core) 2.5mm dia.
-DC2-wiretype: 2cores
- Vinyl-insulated cord
(oil-resistant: 0.1mm2, 0.08/16, 3-core) 2.5mm dia.
-DC2-wiretype: 2cores
Side sensing type (-S)
Without locking boss
With locking boss
- Vinyl-insulated cord
(oil-resistant: 0.1mm2, 0.08/16, 3-core) 2.5mm dia.
- Vinyl-insulated cord
(oil-resistant: 0.1mm2, 0.08/16, 3-core) 2.5mm dia.


Similar Part No. - APM-A3A1

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
APM-40 MINMAX-APM-40 Datasheet
555Kb / 5P
   CE Marking with EMC and LVD
APM-40D12 MINMAX-APM-40D12 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
APM-40D15 MINMAX-APM-40D15 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
APM-40S05 MINMAX-APM-40S05 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
APM-40S12 MINMAX-APM-40S12 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
More results

Similar Description - APM-A3A1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8059122 FESTO-8059122 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8106572 FESTO-8106572 Datasheet
74Kb / 1P
   Proximity sensors
8106578 FESTO-8106578 Datasheet
70Kb / 1P
   Proximity sensors
8059124 FESTO-8059124 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8106575 FESTO-8106575 Datasheet
68Kb / 1P
   Proximity sensors
logo
Omron Electronics LLC
E2V-X2B1 OMRON-E2V-X2B1 Datasheet
754Kb / 6P
   Proximity Sensors
logo
Festo Corporation.
8059121 FESTO-8059121 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8059120 FESTO-8059120 Datasheet
87Kb / 2P
   Proximity sensors
7/11/22
8059125 FESTO-8059125 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8106571 FESTO-8106571 Datasheet
73Kb / 1P
   Proximity sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com