Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-3401-EFBDD Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HLMP-3401-EFBDD
Description  T-1 3/4 (5 mm) Diffused LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-3401-EFBDD Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-3401-EFBDD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-3401-EFBDD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3401-EFBDD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3401-EFBDD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3401-EFBDD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3401-EFBDD Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3401-EFBDD Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-3401-EFBDD Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-3401-EFBDD Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
T-13/4 (5 mm) Diffused LED
Lamps
Technical Data
Features
• High Intensity
• Choice of 4 Bright Colors
High Efficiency Red
Orange
Yellow
High Performance Green
• Popular T-13/4 Diameter
Package
• Selected Minimum
Intensities
• Wide Viewing Angle
• General Purpose Leads
• Reliable and Rugged
• Available on Tape and Reel
Description
This family of T-13/4 tinted,
diffused LED lamps is widely used
in general purpose indicator
applications. Diffusants, tints, and
optical design are balanced to
yield superior light output and
wide viewing angles. Several
intensity choices are available in
each color for increased design
flexibility.
HLMP-3301
HLMP-3401
HLMP-3507
HLMP-3762
HLMP-3862
HLMP-3962
HLMP-D401
Selection Guide
Luminous Intensity Iv (mcd) at 10 mA
Material/Color
Part Number
Min.
Max.
HLMP-3301
5.4
HLMP-3301-D00xx
2.1
HLMP-3301-F00xx
5.4
HLMP-3301-FG0xx
5.4
17.2
HLMP-3762
8.6
HLMP-3762-G00xx
8.6
HLMP-3401
5.7
HLMP-3401-E00xx
5.7
HLMP-3401-EF0xx
5.7
18.4
HLMP-3401-EFBxx
5.7
18.4
HLMP-3862
9.2
HLMP-3862-F00xx
9.2
HLMP-3862-FGBxx
9.2
29.4
HLMP-D401
5.4
HLMP-D401-D00xx
2.1
HLMP-D401-EF0xx
3.4
10.8
HLMP-D401-F00xx
5.4
HLMP-3507
4.2
HLMP-3507-D00xx
4.2
HLMP-3507-EF0xx
6.7
21.2
HLMP-3962
10.6
HLMP-3962-F00xx
10.6
GaP HER
GaP Yellow
GaP Orange
GaP Green


Similar Part No. - HLMP-3401-EFBDD

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-3401-E00XX BOARDCOM-HLMP-3401-E00XX Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
More results

Similar Description - HLMP-3401-EFBDD

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com