Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IZ74HC221AZ Datasheet(PDF) 3 Page - Integral Corp.

Part # IZ74HC221AZ
Description  DUAL MONOSTABLE MULTIVIBRATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ74HC221AZ Datasheet(HTML) 3 Page - Integral Corp.

  IZ74HC221AZ Datasheet HTML 1Page - Integral Corp. IZ74HC221AZ Datasheet HTML 2Page - Integral Corp. IZ74HC221AZ Datasheet HTML 3Page - Integral Corp. IZ74HC221AZ Datasheet HTML 4Page - Integral Corp. IZ74HC221AZ Datasheet HTML 5Page - Integral Corp. IZ74HC221AZ Datasheet HTML 6Page - Integral Corp. IZ74HC221AZ Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IN74HC221A
3
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
Guaranteed Limit
Symbol
Parameter
Test Conditions
VCC
V
-55
°C
to
25
°C
≤85
°C
≤125
°C
Unit
VIL
Maximum
Low
-
Level Input Voltage
VOUT ≤ 0.1 V or
VCC=0.1
V
IOUT ≤ 20 µA
2.0
4.5
6.0
0.3
0.9
1.2
0.3
0.9
1.2
0.3
0.9
1.2
V
VIH
Minimum High-Level
Input Voltage
VOUT ≤ 0.1 V or
VCC=0.1
V
IOUT ≤ 20 µA
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VIN=VIH
or
VIL
IOUT ≤ 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
VIN=VIH
or
VIL
IOUT ≤ 4.0 mA
4.5
0.26
0.33
0.4
VOL
Maximum Low-Level
Output Voltage
VIN=VIH
or
VIL
IOUT ≤ 5.2 mA
6.0
0.26
0.33
0.40
V
VIN=VIH
or
VIL
IOUT ≤ -20 µA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
VIN=VIH
or
VIL
IOUT ≤ -4.0 mA
4.5
3.98
3.84
3.70
VOH
Minimum
High-
Level
Output
Voltage
VIN=VIH
or
VIL
IOUT ≤ -5.2 mA
6.0
5.48
5.34
5.2
V
IIL
Maximum
Low-
Level
Output
Current
VIL=GND
VIH=VCC
6.0
-0.1
-1.0
-1.0
µA
IIH
Minimum
High-
Level Input Current
VIL=GND
VIH=VCC
6.0
0.1
1.0
1.0
µA
ICC
Maximum
Quiescent
Supply
Current
(per
Package) Standby
State
VIL=GND
V=VCC
IOUT=0 µA
6.0
8.0
80
160
µA
ICC1
Maximum
Supply
Current
(per
Package)
Active
State
VIL=GND
VIH=VCC
IOUT=0
µA
VIN = 0.5 VCC
2.0
4.5
6.0
0.08
1.0
2.0
0.11
1.3
2.6
0.13
1.6
3.2
mA


Similar Part No. - IZ74HC221AZ

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ74HC21A INTEGRAL-IZ74HC21A Datasheet
38Kb / 5P
   Dual 4-Input AND Gate
More results

Similar Description - IZ74HC221AZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com