Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IZ74HC221AZ Datasheet(PDF) 7 Page - Integral Corp.

Part # IZ74HC221AZ
Description  DUAL MONOSTABLE MULTIVIBRATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ74HC221AZ Datasheet(HTML) 7 Page - Integral Corp.

  IZ74HC221AZ Datasheet HTML 1Page - Integral Corp. IZ74HC221AZ Datasheet HTML 2Page - Integral Corp. IZ74HC221AZ Datasheet HTML 3Page - Integral Corp. IZ74HC221AZ Datasheet HTML 4Page - Integral Corp. IZ74HC221AZ Datasheet HTML 5Page - Integral Corp. IZ74HC221AZ Datasheet HTML 6Page - Integral Corp. IZ74HC221AZ Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IN74HC221A
7
CHIP PAD DIAGRAM IZ74HC221A
Pad size 0.106 x 0.106 mm (Pad size is given as per passivation layer)
Thickness of chip 0,46
±0,02 mm
PAD LOCATION
Pad No
Symbol
X
Y
01
1A
0.152
0.419
02
1B
0.157
0.132
03
1RESET
0.458
0.134
04
1Q
0.715
0.122
05
2Q
1.310
0.122
06
2CEXT
1.585
0.122
07
2REXT/CEXT
1.836
0.132
08
GND
1.847
0.690
09
2A
1.836
1.275
10
2B
1.837
1.562
11
2RESET
1.536
1.560
12
2Q
1.278
1.572
13
1Q
0.684
1.572
14
1CEXT
0.408
1.572
15
1REXT/CEXT
0.158
1.562
16
VCC
0.147
1.004
2.1 0.03
±
08
09
11
12
10
07
06
05
04
03
02
14
13
(0,0)
Chip marking
15HC221
(x=0.140, y=0.884)
16
15
1


Similar Part No. - IZ74HC221AZ

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ74HC21A INTEGRAL-IZ74HC21A Datasheet
38Kb / 5P
   Dual 4-Input AND Gate
More results

Similar Description - IZ74HC221AZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com