Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM-C3J1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APM-C3J1
Description  APM Series Compact Proximity Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

APM-C3J1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APM-C3J1 Datasheet HTML 1Page - List of Unclassifed Manufacturers APM-C3J1 Datasheet HTML 2Page - List of Unclassifed Manufacturers APM-C3J1 Datasheet HTML 3Page - List of Unclassifed Manufacturers APM-C3J1 Datasheet HTML 4Page - List of Unclassifed Manufacturers APM-C3J1 Datasheet HTML 5Page - List of Unclassifed Manufacturers APM-C3J1 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
DC 2-wire type
Appearance
Sensor package style
Dimensions (mm)
W
D
H
Sensing
distance
(mm)
Location
of sensing
face
Locking
boss
Operation
mode
Catalog listing
Top sensing type
8
D
H
(sensing face)
D=5.9 H=9.4
(body)
D=21.6 H=5.9
2.5
Top
Not
provided
N.O.
APM-A3J1
N.C.
APM-A3K1
Provided
N.O.
APM-B3J1
N.C.
APM-B3K1
Side sensing type
8
25
5.9
Side
Not
provided
N.O.
APM-C3J1
N.C.
APM-C3K1
Provided
N.O.
APM-D3J1
N.C.
APM-D3K1
Side sensing type
8
25
7.5
Side
Not
provided
N.O.
APM-C3J1-S
N.C.
APM-C3K1-S
Provided
N.O.
APM-D3J1-S
N.C.
APM-D3K1-S
SPECIFICATIONS
DC 3-wire type
Item
Standard catalog listing
APM- 3A1
(
-S)
APM- 3B1
(
-S)
APM- 3D1
APM- 3E1
Actuation method
High-frequency oscillation type (unshielded type)
Rated supply voltage
12/24Vdc
Rated sensing distance
2.5mm,
15%
Usable sensing distance
0to1.8mm
Standard target object
15
15mm, 1mm thick iron
Differential travel
15% max. of sensing distance
Operating voltage range
10.8 to 26.4Vdc (ripple voltage 10% max.)
Current consumption
10mA max.
Output mode
NPN transistor open collector
PNP transistor open collector
Operation mode
Normally open (N.O.)
Normally closed (N.C.)
Normally open (N.O.)
Normally closed (N.C.)
Control
output
Switching current
30mA max. (resistive load)
Voltage drop
1V max. (switching current 30mA)
Output dielectric strength
26.4V
Operating frequency
120Hz
Hysteresis
0.05mm max.
Temperature characteristics
15% max. for the range of ~10 to +55˚C when +25˚C is taken as standard temperature in sensing distance
Supply voltage characteristics
2% max. with
10% voltage fluctuation with rated supply voltage as standard voltage in sensing distance
Indicator lamps
Lights (red) when object approaches
Operating temperature range
~10 to +55˚C
Storage temperature range
~25 to +70˚C
Operating humidity range
35 to 85% RH
Insulation resistance
50M
min. (by 500Vdc megger)
Dielectric strength
1,000Vac, 50/60Hz for 1 minute between case and electrically live metals
Vibration resistance
10 to 55Hz, 1.5mm peak-to-peak amplitude, 2hrs in X, Y and Z directions
Shock resistance
500m/s2 3 times in X, Y and Z directions
Protection
IP67 (IEC 529)
Weight
Approx. 10g
Circuit protection
Surge absorption, reverse connection protection circuit
Wiring method
Pre-leaded (oil-resistant cord: 2.5mm O.D., 0.08mm2,3-core, 1m)
Case material
Polyalylate resin
Tightening torque
0.5N-m (M2.6 screw)
• Installation Instructions No.: CP-UM-3162E
Note:
Normally open: Load operates when object approaches the sensor (output circuit ON when detected).
Normally closed: Load is reset when object approaches the sensor (output circuit ON when not detected).


Similar Part No. - APM-C3J1

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
APM-40 MINMAX-APM-40 Datasheet
555Kb / 5P
   CE Marking with EMC and LVD
APM-40D12 MINMAX-APM-40D12 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
APM-40D15 MINMAX-APM-40D15 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
APM-40S05 MINMAX-APM-40S05 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
APM-40S12 MINMAX-APM-40S12 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
More results

Similar Description - APM-C3J1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8059122 FESTO-8059122 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8106572 FESTO-8106572 Datasheet
74Kb / 1P
   Proximity sensors
8106578 FESTO-8106578 Datasheet
70Kb / 1P
   Proximity sensors
8059124 FESTO-8059124 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8106575 FESTO-8106575 Datasheet
68Kb / 1P
   Proximity sensors
logo
Omron Electronics LLC
E2V-X2B1 OMRON-E2V-X2B1 Datasheet
754Kb / 6P
   Proximity Sensors
logo
Festo Corporation.
8059121 FESTO-8059121 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8059120 FESTO-8059120 Datasheet
87Kb / 2P
   Proximity sensors
7/11/22
8059125 FESTO-8059125 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8106571 FESTO-8106571 Datasheet
73Kb / 1P
   Proximity sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com