Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IZ4040B Datasheet(PDF) 1 Page - Integral Corp.

Part # IZ4040B
Description  12-Stage Binary Ripple Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ4040B Datasheet(HTML) 1 Page - Integral Corp.

  IZ4040B Datasheet HTML 1Page - Integral Corp. IZ4040B Datasheet HTML 2Page - Integral Corp. IZ4040B Datasheet HTML 3Page - Integral Corp. IZ4040B Datasheet HTML 4Page - Integral Corp. IZ4040B Datasheet HTML 5Page - Integral Corp. IZ4040B Datasheet HTML 6Page - Integral Corp. IZ4040B Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TECHNICAL DATA
1
INTEGRAL
12-Stage Binary Ripple Counter
High-Voltage Silicon-Gate CMOS
The IW4040B is ripple-carry binary counter. All counter stages are
master-slave flip-flops. The state of a counter advances one count on the
negative transition of each input pulse; a high level on the RESET line resets
the counter to its all zeros state. Schmitt trigger action on the input-pulse
line permits unlimited rise and fall times.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-temperature
range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
IW4040B
N SUFFIX
PLASTIC DIP
1
16
1
16
ORDERING INFORMATION
IW4040BN
Plastic DIP
IW4040BD
SOIC
IZ4040B
chip
TA = -55
° to 125° C
for all packages
FUNCTION TABLE
Inputs
Output
Clock
Reset
Output state
L
No change
L
Advance to next
state
X
H
All Outputs are low
H= high level
L = low level
X=don’t care
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
10
9
7
6
5
3
2
4
13
12
14
11
15
1
CLOCK
RESET
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
1
2
3
5
4
6
7
8
16
15
14
13
12
11
10
9
GND
V
CC
Q12
Q6
Q5
Q7
Q4
Q3
Q2
Q10
Q8
Q9
RESET
CLOCK
Q1
Q11


Similar Part No. - IZ4040B

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ4027B INTEGRAL-IZ4027B Datasheet
48Kb / 6P
   Dual JK Flip-Flop
logo
List of Unclassifed Man...
IZ4053B ETC-IZ4053B Datasheet
71Kb / 8P
   Analog Multiplexer Demultiplexer
More results

Similar Description - IZ4040B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
   12-STAGE BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
   12-stage binary ripple counter
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
   12-stage binary ripple counter
logo
NXP Semiconductors
74HC4040 PHILIPS-74HC4040 Datasheet
137Kb / 24P
   12-stage binary ripple counter
Rev. 03-14 September 2005
logo
Nexperia B.V. All right...
74HCT4040 NEXPERIA-74HCT4040 Datasheet
275Kb / 16P
   12-stage binary ripple counter
Rev. 7 - 26 May 2021
logo
NXP Semiconductors
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
logo
ON Semiconductor
MC74AC4040 ONSEMI-MC74AC4040_15 Datasheet
73Kb / 6P
   12-Stage Binary Ripple Counter
March, 2015 ??Rev. 8
MC74HC4040A ONSEMI-MC74HC4040A_14 Datasheet
123Kb / 8P
   12-Stage Binary Ripple Counter
August, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4040B NEXPERIA-HEF4040B Datasheet
211Kb / 11P
   12-stage binary ripple counter
Rev. 10 - 7 December 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com