Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN12ACGFX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FIN12ACGFX
Description  Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN12ACGFX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FIN12ACGFX Datasheet HTML 3Page - Fairchild Semiconductor FIN12ACGFX Datasheet HTML 4Page - Fairchild Semiconductor FIN12ACGFX Datasheet HTML 5Page - Fairchild Semiconductor FIN12ACGFX Datasheet HTML 6Page - Fairchild Semiconductor FIN12ACGFX Datasheet HTML 7Page - Fairchild Semiconductor FIN12ACGFX Datasheet HTML 8Page - Fairchild Semiconductor FIN12ACGFX Datasheet HTML 9Page - Fairchild Semiconductor FIN12ACGFX Datasheet HTML 10Page - Fairchild Semiconductor FIN12ACGFX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Preliminary
7
www.fairchildsemi.com
Embedded Word Clock Operation
The FIN12AC sends and receives serial data source syn-
chronously with a bit clock. The bit clock has been modified
to create a word boundary at the end of each data word.
The word boundary has been implemented by skipping a
low clock pulse. This appears in the serial clock stream as
3 consecutive bit times where signal CKSO remains HIGH.
In order to implement this sort of scheme two extra data
bits are required. During the word boundary phase the data
will toggle either HIGH-then-LOW or LOW-then-HIGH
dependent upon the last bit of the actual data word. Table
provides some examples showing the actual data word and
the data word with the word boundary bits added. Note that
a 12-bit word will be extended to 14 bits during serial trans-
mission. Bit 13 and Bit 14 are defined with-respect-to Bit
12. Bit 13 will always be the inversion of Bit 12 and Bit 14
will always be the same as Bit 12. This insures that a “0”
o
“1” and a “1”
o “0” transition will always occur during the
embedded word phase where CKSO is HIGH.
The serializer generates the word boundary data bits and
the boundary clock condition and embeds them into the
serial data stream. The deserializer looks for the end of the
word boundary condition to capture and transfer the data to
the parallel port. The deserializer only uses the embedded
word boundary information to find and capture the data.
These boundary bits are then stripped prior to the word
being sent out of the parallel port.
TABLE 2. Word Boundary Data Bits
LVCMOS Data I/O
The LVCMOS input buffers have a nominal threshold value
equal to ½ of VDDP. The input buffers are only operational
when the device is operating as a serializer. When the
device is operating as a deserializer the inputs are gated
off to conserve power.
The LVCMOS 3-STATE output buffers are rated for a
source/sink current of 2 mAs at 1.8V. The outputs are
active when the DIRI signal is asserted LOW. When the
DIRI signal is asserted HIGH the bi-directional LVCMOS I/
Os will be in HIGH-Z state. Under purely capacitive load
conditions the output will swing between GND and VDDP.
The LVCMOS I/O buffers incorporate bushold functionality
to allow for pins to maintain state when they are not driven.
The bushold circuitry only consumes power during signal
transitions.
FIGURE 6. LVCMOS I/O
Differential I/O Circuitry
. The FIN12AC employs FSC proprietary CTL I/O technol-
ogy. CTL is a low power, low EMI differential swing I/O
technology. The CTL output driver generates a constant
output source and sink current. The CTL input receiver
senses the current difference and direction from the corre-
sponding output buffer to which it is connected. This differs
from LVDS which uses a constant current source output
but a voltage sense receiver. Like LVDS an input source
termination resistor is required to properly terminate the
transmission line. The FIN12AC device incorporates an
internal termination resistor on the CKSI receiver and a
gated internal termination resistor on the DS input receiver.
The gated termination resistor insures proper termination
regardless of direction of data flow. The relative greater
sensitivity of the current sense receiver of CTL allows it to
work at much lower current drive and correspondingly a
much lower voltage.
During power-down mode the differential inputs will be dis-
abled and powered down and the differential outputs will be
placed in a HIGH-Z state. CTL inputs have an inherent fail-
safe capability that supports floating inputs. When the CKSI
input pair of the serializer is unused it can reliably be left
floating. Alternately both of the inputs can be connected to
ground. CTL inputs should never be connected to VDD.
When the CKSO output of the deserializer is unused it
should be allowed to float.
FIGURE 7. Bi-directional Differential I/O Circuitry
12 Bit Data Words
12 Bit Data Word with Word Boundary
HexBinaryHex
Binary
FFFh
1111 1111 1111b
2FFFh
10 1111 1111 1111b
555h
0101 01010 0101b
1555h
01 0101 0101 0101b
xxxh
0xxx xxxx xxxxb
1xxxh
01 0xxx xxxx xxxxb
xxxh
1xxx xxxx xxxxb
2xxxh
10 1xxx xxxx xxxxb


Similar Part No. - FIN12ACGFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN12ACGFX FAIRCHILD-FIN12ACGFX Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12ACGFX FAIRCHILD-FIN12ACGFX Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
More results

Similar Description - FIN12ACGFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC_08 Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com