Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS85320AMI Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS85320AMI
Description  LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85320AMI Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS85320AMI Datasheet HTML 4Page - Integrated Circuit Systems ICS85320AMI Datasheet HTML 5Page - Integrated Circuit Systems ICS85320AMI Datasheet HTML 6Page - Integrated Circuit Systems ICS85320AMI Datasheet HTML 7Page - Integrated Circuit Systems ICS85320AMI Datasheet HTML 8Page - Integrated Circuit Systems ICS85320AMI Datasheet HTML 9Page - Integrated Circuit Systems ICS85320AMI Datasheet HTML 10Page - Integrated Circuit Systems ICS85320AMI Datasheet HTML 11Page - Integrated Circuit Systems ICS85320AMI Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
85320AMI
www.icst.com/products/hiperclocks.html
REV. A AUGUST 25, 2004
8
Integrated
Circuit
Systems, Inc.
ICS85320I
LVCMOS / LVTTL-TO-DIFFERENTIAL
2.5V / 3.3V LVPECL TRANSLATOR
TERMINATION FOR 2.5V LVPECL OUTPUT
Figure 2A and Figure 2B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminat-
ing 50
Ω to V
CC - 2V. For VCC = 2.5V, the VCC - 2V is very close to
ground level. The R3 in Figure 2B can be eliminated and the
termination is shown in
Figure 2C.
FIGURE 2B. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
FIGURE 2A. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
R2
62.5
Zo = 50 Ohm
R1
250
+
-
2.5V
2,5V LVPECL
Driv er
R4
62.5
R3
250
Zo = 50 Ohm
2.5V
VCC=2.5V
R1
50
R3
18
Zo = 50 Ohm
Zo = 50 Ohm
+
-
2,5V LVPECL
Driv er
VCC=2.5V
2.5V
R2
50
2,5V LVPECL
Driv er
VCC=2.5V
R1
50
R2
50
2.5V
Zo = 50 Ohm
Zo = 50 Ohm
+
-
FIGURE 2C. 2.5V LVPECL TERMINATION EXAMPLE


Similar Part No. - ICS85320AMI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS85320AMI IDT-ICS85320AMI Datasheet
1Mb / 16P
   LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
   LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
   LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
ICS85320AMILF IDT-ICS85320AMILF Datasheet
215Kb / 16P
   LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
logo
Renesas Technology Corp
ICS85320AMILF RENESAS-ICS85320AMILF Datasheet
376Kb / 17P
   LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
DECEMBER 19, 2014 1
More results

Similar Description - ICS85320AMI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85320 IDT-85320 Datasheet
215Kb / 16P
   LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
   LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
ICS85320I IDT-ICS85320I Datasheet
1Mb / 16P
   LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
logo
Renesas Technology Corp
85320I RENESAS-85320I Datasheet
376Kb / 17P
   LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
DECEMBER 19, 2014 1
85322 RENESAS-85322 Datasheet
323Kb / 14P
   Dual LVCMOS / LVTTL-to-Differential 2.5V / 3.3V LVPECL Translator
January 20, 2016
ICS85322I RENESAS-ICS85322I Datasheet
714Kb / 17P
   Dual LVCMOS/LVTTL-To-Differential 2.5V/3.3V LVPECL Translator
MARCH 6, 2014
logo
Integrated Circuit Syst...
ICS85322I ICST-ICS85322I Datasheet
160Kb / 13P
   DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
ICS85322 ICST-ICS85322 Datasheet
126Kb / 13P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V/3.3V LVPECL TRANSLATOR
logo
Integrated Device Techn...
ICS85322I IDT-ICS85322I Datasheet
302Kb / 16P
   Dual LVCMOS/LVTTL-To-Differential 2.5V/3.3V LVPECL Translator
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com