Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-3018Z Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SPB-3018Z
Description  400 - 2500 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPB-3018Z Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SPB-3018Z Datasheet HTML 1Page - List of Unclassifed Manufacturers SPB-3018Z Datasheet HTML 2Page - List of Unclassifed Manufacturers SPB-3018Z Datasheet HTML 3Page - List of Unclassifed Manufacturers SPB-3018Z Datasheet HTML 4Page - List of Unclassifed Manufacturers SPB-3018Z Datasheet HTML 5Page - List of Unclassifed Manufacturers SPB-3018Z Datasheet HTML 6Page - List of Unclassifed Manufacturers SPB-3018Z Datasheet HTML 7Page - List of Unclassifed Manufacturers SPB-3018Z Datasheet HTML 8Page - List of Unclassifed Manufacturers SPB-3018Z Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Broomfield, CO 80021
2
EDS-103980 Rev C
SPB-3018 400-2500 MHz Cascadable MMIC Amplifier
Preliminary
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
880 MHz Application Circuit Data, V
cc=5V, ID=210mA
IM3 vs. Tone Power
-80
-70
-60
-50
-40
-30
-20
4
6
8
10
1214
1618
2022
2426
Pout (dBm)
IM3L -40C
IM3L 25C
IM3L 85C
Gain vs. Frequency
12
14
16
18
20
22
0.8
0.85
0.9
0.95
1
Frequency (GHz)
S21_25C
S21_-40C
S21_85C
Input/Output Return Loss,
Isolation vs. Frequency, T=25C
-30
-25
-20
-15
-10
-5
0
0.8
0.85
0.9
0.95
1
Frequency (GHz)
S11
S12
S22
P1dB vs. Frequency
24
26
28
30
32
34
0.85
0.86
0.87
0.88
0.89
0.9
0.91
GHz
P1dB -40C
P1dB 25C
P1dB 85C
ACP vs. Ch. Power(IS-95 9 Ch. Fwd.)
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
15
16
17
18
19
20
21
22
23
Ch. Pwr (dBm)
ACP -40C
ACP 85C
ACP 25C
Collector Efficiency vs. Ch. Pwr.
0
2
4
6
8
10
12
14
16
18
15
16
17
18
19
20
21
22
23
Ch. Pwr. (dBm)
Eff. % -40C
Eff. % 85C
Eff. % 25C


Similar Part No. - SPB-3018Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SPB-3018Z SIRENZA-SPB-3018Z Datasheet
206Kb / 9P
   800 - 2400 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
More results

Similar Description - SPB-3018Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SXB-4089 SIRENZA-SXB-4089 Datasheet
178Kb / 8P
   400-2500 MHz 1/4 W Medium Power InGaP/GaAs HBT Amplifier with Active Bias
logo
List of Unclassifed Man...
SXB-4089 ETC1-SXB-4089 Datasheet
184Kb / 8P
   400-2500 MHz 1/2 W Medium Power InGaP/GaAs HBT Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPB-3018 SIRENZA-SPB-3018 Datasheet
206Kb / 9P
   800 - 2400 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
logo
List of Unclassifed Man...
SXA-389 ETC-SXA-389 Datasheet
222Kb / 7P
   400-2500 MHz 쩌 W Medium Power GaAs HBT Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SXA-389B SIRENZA-SXA-389B Datasheet
146Kb / 8P
   400-2500 MHz 쩌 W Medium Power GaAs HBT Amplifier with Active Bias
SXA-389 SIRENZA-SXA-389 Datasheet
131Kb / 7P
   400-2500 MHz 1/4 W Medium Power GaAs HBT Amplifier with Active Bias
SXB-2089Z SIRENZA-SXB-2089Z Datasheet
163Kb / 7P
   5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
logo
List of Unclassifed Man...
SXB-2089 ETC1-SXB-2089 Datasheet
167Kb / 7P
   5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
SXA-3318B ETC-SXA-3318B Datasheet
816Kb / 8P
   400-2500 MHz Balanced 1/2 W Medium Power GaAs HBT Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SXA-3318B SIRENZA-SXA-3318B Datasheet
196Kb / 8P
   400-2500 MHz Balanced 1/4 W Medium Power GaAs HBT Amplifier with Active Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com