Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SCE028LD3MG4B Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

Part No. SCE028LD3MG4B
Description  Voltage Rating: 16 to 28 VDC
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MSPI [Mallory Sonalert Products Inc]
Homepage  https://www.mspindy.com/default.aspx
Logo 

SCE028LD3MG4B Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  SCE028LD3MG4B Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 1 page
background image
Part #:
Revision:
Loud
Medium
Continuous
Double Pulse
Quick Pulse
Dual Tone
Loud
Sound Level Category:
Mode of Operation:
cUL Recognized
Dimensions:
Housing Material:
Storage Temperature:
Operating Temperature
Panel Mounting:
NEMA 3R,4X, & 12:
Loud
Specifications:
SCE028LD3MG4B
C
Mallory Sonalert Products,Inc.
Sales Outline Drawing
Loudness @ 2 FT:
6/6 Nylon, Color: Black
Pulse Rate (PPS):
Current Draw:
40mA MAX
-40° to +85° C
85 to 95 dB(A) Typ.
85 to 95 dB(A) Typ.
85 to 95 dB(A) Typ.
75 to 85 dB(A) Typ.
-40° to +85° C
Voltage Rating:
16 to 28 VDC
Weight (Typical):
cUL Recognition:
Please contact factory.
Options:
Inches (mm)
cUL Recognized
Recommended hole size is 1.25"(31.75mm). Thread front will fit standard 30mm(1.181") hole.
Knurled Nut:
2900 ± 500 Hz
2900 ± 500 Hz
2900 ± 500 Hz
3.0 - 2.9 kHz
Connection:
T-BLOCK ONLY
T-BLOCK; BLACK WIRE
TO (-)
T-BLOCK; YELLOW
WIRE TO (-)
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010 ·
www.mallory-sonalert.com
ROHS Compliant
Used to attach part to panel. The max recommended torque is 10 in-lbs.
1.6 oz (45g)
Approved with use of ACC03.
T-BLOCK; BOTH
WIRES TO (-)
N/A
2
60
1.5
Frequency:
S
T
®
R
S o l u t i o n s
L E
A
N
O
M a d e i n U . S . A .


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn