Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE310G4BPI9 Datasheet(HTML) 4 Page - Silicom Ltd.

Part No. PE310G4BPI9
Description  Quad Port Fiber 10 Gigabit Ethernet Bypass Server Adapter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE310G4BPI9 Datasheet(HTML) 4 Page - Silicom Ltd.

  PE310G4BPI9 Datasheet HTML 4Page - Silicom Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
Silicom Ltd. Connectivity Solutions
Page
4
Optical Output Power:
Normal Mode (Bypass Off):
Typical: -2.61 dBm (TX
–Switch Normal – Fiber – LC/LC)
Minimum: -7.3 dBm
Optical Receive Sensitivity:
Normal Mode (Bypass Off)
Typical: -15 dBm
Maximum: -11.1 dBm
Insertion Loss:
Bypass Mode:
Insertion loss (Optical Power attenuation between TX to RX) (LC- fiber- switch- LC)
Typical: 0.99 dB (From RX to TX)
Maximum 1.9 dB
Fiber 10 Gigabit Ethernet Technical Specifications
– (10GBASE-LR) Adapters:
IEEE Standard / Network
topology:
Fiber 10Gigabit Ethernet, 10GBASE-LR (1310nM LAN PHY)
Data Transfer Rate:
10.3125GBd
Cables and Operating
distance:
Up to:
Single-Mode: 5Km at 9um *
* Defined as half as the distance as specified in the optical transceiver
Optical Output Power:
Normal Mode (Bypass Off):
Typical: -5.02 dBm (TX
–Switch Normal – Fiber – LC/LC)
Minimum: -7.3 dBm
Optical Receive Sensitivity:
Normal Mode (Bypass Off)
Typical: -13.9 dBm
Maximum: -11.1 dBm
Insertion Loss:
Bypass Mode:
Insertion loss (Optical Power attenuation between TX to RX) (LC- fiber- switch- LC)
Typical: 0.69 dB (From RX to TX)
Maximum 1.6 dB
– SRD: Fiber 1000BASE-SX / 10GBASE-SR Technical Specifications:
Optical Output Power (1G):
Minimum: -10.9 dBm
Optical Receive Sensitivity
(1G):
Maximum: -15.6 dBm


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn