Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE310G4BPI9 Datasheet(HTML) 6 Page - Silicom Ltd.

Part No. PE310G4BPI9
Description  Quad Port Fiber 10 Gigabit Ethernet Bypass Server Adapter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE310G4BPI9 Datasheet(HTML) 6 Page - Silicom Ltd.

Back Button PE310G4BPI9 Datasheet HTML 6Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
Silicom Ltd. Connectivity Solutions
Page
6
Maximum: -11.1dBm
Insertion Loss:
Bypass Mode:
Insertion loss (Optical Power attenuation between TX to RX) (LC- fiber- switch- LC)
Maximum 1.9 dB
Typical: 1.3 dB (From RX to TX)
Operating Systems Support
Operating system support:
Windows
Linux
FreeBSD
VMware
Hyper-V
General Technical Specifications
Interface Standard:
PCI-Express Base Specification Revision 3.0 (8 GTs)
Board Size:
Standard height long add-
in card 241.3mm X 110.13mm (9.5”X 4.336”)
PCI Express Card Type:
X8 Lane
PCI Express Voltage:
+12V +- 8%
PCI Connector:
Gold Finger: X8 Lane
Controller:
Intel 82599ES
Holder:
Metal Bracket
I/O:
LC located on internal bracket
Weight:
460 gram (16.227 oz)
Power Consumption (SR):
17.64 W, 1.47 A at 12V: Typical all ports operate at 10Gb/s, (Normal Mode).
16.8 W, 1.4 A at 12V: Typical Bypass Mode.
16.92 W, 1.41 A at 12V: Typical Disconnect Mode.
17.28 W, 1.44 A at 12V: Typical No link at all ports
Power Consumption (SR5):
18.24 W, 1.52 A at 12V: Typical all ports operate at 10Gb/s, (Normal Mode).
17.4 W, 1.45 A at 12V: Typical Bypass Mode.
17.52 W, 1.46 A at 12V: Typical Disconnect Mode.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn