Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE310G4BPI9 Datasheet(HTML) 7 Page - Silicom Ltd.

Part No. PE310G4BPI9
Description  Quad Port Fiber 10 Gigabit Ethernet Bypass Server Adapter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE310G4BPI9 Datasheet(HTML) 7 Page - Silicom Ltd.

Back Button PE310G4BPI9 Datasheet HTML 7Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
Silicom Ltd. Connectivity Solutions
Page
7
18 W, 1.5 A at 12V: Typical No link at all ports
Power Consumption (LR):
18.84 W, 1.57 A at 12V: Typical all ports operate at 10Gb/s, (Normal Mode).
16.56 W, 1.38 A at 12V: Typical Bypass Mode.
16.92W, 1.41 A at 12V: Typical Disconnect Mode.
18.24 W1.52 A at 12V: Typical No link at all ports
Operating Humidity:
0%
–90%, non-condensing
Operating Temperature:
0°C
– 45°C (32°F – 113°F)
Storage:
-40°C
–65°C (-40°F–149°F)
EMC Certifications:
FCC Part 15, Subpart B Class A
Conducted Emissions
Radiated Emissions
CE EN 55022: 1998 Class A Amendments A1: 2000; A2: 2003
Conducted Emissions
Radiated Emissions
CE EN 55024: 1998 Amendments A1: 2000; A2: 2003
Immunity for ITE Amendment A1: 2001
CE EN 61000-3-2 2000, Class A
Harmonic Current Emissions
CE EN 61000 3-3 1995, Amendment A1: 2001
Voltage Fluctuations and Flicker
CE IEC 6100-4-2: 1995
ESD Air Discharge 8kV. Contact Discharge 4kV.
CE IEC 6100-4-3:1995
Radiated Immunity (80-1000Mhz), 3V/m 80% A.M. by 1kHz
CE IEC 6100-4-4:1995
EFT/B: Immunity to electrical fast transients 1kV Power
Leads, 0.5Kv Signals Leads
CE IEC 6100-4-5:1995
Immunity to conductive surges COM Mode; 2kV,
Dif. Mode 1kV
CE IEC 6100-4-6:1996
Conducted immunity (0.15-80 MHz) 3VRMS 80% A.M.
By 1kHz
CE IEC 6100-4-11:1994
Voltage Dips and Short Interruptions
V reduc >95%, 30% >95% Duration 0.5per, 25per, 250per
MTBF*:
33 (Years)
** According to Telcordia SR-332 Issue 2. Environmental condition
– GB (Ground, Fixed, and


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn