Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE310G4BPI9 Datasheet(HTML) 8 Page - Silicom Ltd.

Part No. PE310G4BPI9
Description  Quad Port Fiber 10 Gigabit Ethernet Bypass Server Adapter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE310G4BPI9 Datasheet(HTML) 8 Page - Silicom Ltd.

Back Button PE310G4BPI9 Datasheet HTML 8Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
Silicom Ltd. Connectivity Solutions
Page
8
Controlled). Ambient temperature 40°C
LEDs
LEDs:
(2) LEDs per port
Left LED: Link:
Turns on link 10G (Blue),
Right LED : Act:
Blinks on activity (Green) :
(1) Bi- color LED per segment (2 ports):
Off on Normal Mode
Turns on Bypass Mode (Green)
/ Turns on Disconnect Mode (Yellow)
LEDs location:
LEDs are located on the PCB, visible via holes in the metal bracket.
Each 4 green act and blue 10G link LEDs (2 LEDs per port) are located under their own LC
connector port. (Each LC contains 2 ports).
The yellow/ green for disconnect and bypass LED is located between the 2 ports in each
segment- in the middle under each LC.
Connectors:
(2) LC
Functional Description
Silicom’s Bypass Server adapters support Normal, Bypass and Disconnect modes.
In Normal mode, the ports are independent interfaces (see Figure 1: Normal mode, one Bypass pair is illustrated).
Figure 1: Normal Mode Functional Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn