Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE310G4BPI9 Datasheet(HTML) 9 Page - Silicom Ltd.

Part No. PE310G4BPI9
Description  Quad Port Fiber 10 Gigabit Ethernet Bypass Server Adapter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE310G4BPI9 Datasheet(HTML) 9 Page - Silicom Ltd.

Back Button PE310G4BPI9 Datasheet HTML 9Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
Silicom Ltd. Connectivity Solutions
Page
9
In Bypass mode, the connections of the Ethernet network ports are Disconnected from the interfaces and switched over to the other
port to create a crossed connection loop-back between the Ethernet ports. The connections of the interfaces are left not connected.
(See Figure 2: one Bypass pair illustrated)
Figure 2: Bypass Mode Functional Block Diagram
In Disconnect mode, the transmit connections of the Ethernet network ports are Disconnected from the interfaces. (See Figure 3:
one Bypass pair illustrated)
Figure 3: Disconnect Mode Functional Block Diagram
Silicom Bypass server adapters include an on board Controller that can Bypass the Ethernet ports on host system failure like
Power Off, System hangs or software application hangs. The software programmable Watch Dog Timer (WDT) Controller detects a
host system fails and it will Bypass automatically the Ethernet ports after programmable time out interval. The WDT Controller can
be software programmable enabled or disabled.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn