Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE310G4BPI9 Datasheet(HTML) 2 Page - Silicom Ltd.

Part No. PE310G4BPI9
Description  Quad Port Fiber 10 Gigabit Ethernet Bypass Server Adapter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE310G4BPI9 Datasheet(HTML) 2 Page - Silicom Ltd.

  PE310G4BPI9 Datasheet HTML 2Page - Silicom Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Key Features
Bypass / Disconnect:
Bypass / Disconnect Ethernet ports on Power Fail, System Hangs or Software Application Hangs
Software programmable Bypass, Disconnect or Normal Mode
On Board Watch Dog Timer (WDT) Controller
Software programmable time out interval
Software Programmable WDT Enable / Disable counter
Software programmable Bypass Capability Enable / Disable
Software Programmable Disconnect Capability Enable / Disable
Software Programmable mode (Bypass, Normal or Disconnect mode) at Power up
Software Programmable mode (Bypass, Normal mode) at Power off
Independent Bypass operation in every two ports
Emulates standard NIC
Fiber 10 Gigabit Ethernet 10GBASE-SR:
10 Gigabit Fiber Ethernet port supports 10GBASE-SR (850nM LAN PHY)
10Gigabit 850nM Small form Factor Pluggable (SFP+)
Fiber 10 Gigabit Ethernet 10GBASE-LR:
10 Gigabit Fiber Ethernet port supports 10GBASE-LR (1310nM LAN PHY)
10Gigabit 1310nM Small form Factor Pluggable (SFP+)
-SRD: Fiber 1/10 Gigabit Ethernet 1000Base-SX / 10GBASE-SR:
10 Gigabit Fiber Ethernet port supports 10GBASE-SR (850nM LAN PHY)
1Gigabit Fiber Ethernet port supports 1000BASE-SX (850nM LAN PHY)
1/10Gigabit 850nM Small form Factor Pluggable (SFP+) •
-LRD: Fiber 1/10 Gigabit Ethernet 1000Base-LX / 10GBASE-LR:
10 Gigabit Fiber Ethernet port supports 10GBASE-LR (1310nM LAN PHY)
1Gigabit Fiber Ethernet port supports 1000BASE-LX (1310nM LAN PHY)
1/10Gigabit 1310nM Small form Factor Pluggable (SFP+)
Fiber 10 Gigabit Ethernet 10GBASE-SR5 (SR 50uM):
10 Gigabit Fiber Ethernet port supports 10GBASE-SR (850nM LAN PHY)
10Gigabit 850nM Small form Factor Pluggable (SFP+)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn