Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE310G4BPI71 Datasheet(HTML) 4 Page - Silicom Ltd.

Part No. PE310G4BPI71
Description  Quad Port Fiber 10 Gigabit Ethernet PCI Express Bypass Server Adapter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE310G4BPI71 Datasheet(HTML) 4 Page - Silicom Ltd.

  PE310G4BPI71 Datasheet HTML 4Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 7 page
background image
Silicom Ltd. Connectivity Solutions
Page
4
Data Transfer Rate:
10.3125GBd
Cables and Operating
distance:
Up to:
Single-Mode: 5Km at 9um *
* Defined as half as the distance as specified in the optical transceiver
Optical Output Power:
Normal Mode (Bypass Off):
Minimum: -5.2 dBm
Optical Receive Sensitivity:
Normal Mode (Bypass Off)
Maximum: -12.6 dBm
Insertion Loss:
Bypass Mode:
Insertion loss (Optical Power attenuation between TX to RX) (LC- fiber- switch- LC)
Typical: TBD dB (From RX to TX)
Maximum 0.5 dB
Operating Systems Support
Operating system support:
Windows
Linux
FreeBSD
VMware
General Technical Specifications
Interface Standard:
PCI-Express Base Specification Revision 3.0 (8 GTs)
Board Size:
Standard height short add-
in card 167.64mm X 109.1 mm (6.6”X 4.296”)
PCI Express Card Type:
X8 Lane
PCI Express Voltage:
+12V +- 8%
PCI Connector:
Gold Finger: X8 Lane
Controller:
Intel XL710
Holder:
Metal Bracket
I/O:
LC located on internal bracket
Power Consumption (SR):
6.24 W, 0.52 A at 12V: Typical all ports operate at 10Gb/s
5.4 W, 0.45 A at 12V: Typical Bypass Mode.
5.4 W, 0.45 A at 12V: Typical Disconnect Mode.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn