Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE310G4BPI71 Datasheet(HTML) 5 Page - Silicom Ltd.

Part No. PE310G4BPI71
Description  Quad Port Fiber 10 Gigabit Ethernet PCI Express Bypass Server Adapter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE310G4BPI71 Datasheet(HTML) 5 Page - Silicom Ltd.

  PE310G4BPI71 Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 7 page
background image
Silicom Ltd. Connectivity Solutions
Page
5
6 W, 0.5 A at 12V: Typical No link at all ports
Power Consumption (LR):
6.36 W, 0.53 A at 12V: Typical all ports operate at 10Gb/s
5.52 W, 0.46 A at 12V: Typical Bypass Mode.
5.52 W, 0.46 A at 12V: Typical Disconnect Mode.
6.12 W 0.51 A at 12V: Typical No link at all ports
Operating Humidity:
0%
–90%, non-condensing
Operating Temperature:
0°C
– 45°C (32°F – 113°F)
Storage:
-40°C
–65°C (-40°F–149°F)
EMC Certifications:
FCC 47CFR Part 15:2013, Subpart B Class B
Conducted emissions
Radiated emissions
EN 55022: 2010, Class B
Conducted disturbance at mains terminals
Conducted disturbance at telecommunication port
Radiated disturbance
EN 61000-3-2: 2006+A1(09)+A2(09)
Harmonic current emissions
EN 61000-3-3: 2008
Voltage fluctuations and flicker
EN 55024: 2010
Immunity to electrostatic discharge (ESD)
Radiated immunity to radio frequency electromagnetic field
Conducted immunity to electrical fast transients / bursts (EFT/ B)
Conducted immunity to voltage surges
Conducted immunity to disturbances induced by radio frequency field
Conducted immunity to voltage dips and short interruptions
LEDs
LEDs:
(1) LED per port
LED: SPD/ACT:
Blinks on activity 10Gbps (Blue)
(1) Bi- color LED per segment (2 ports):
Off on Normal Mode
Turns on Bypass Mode (Green)
/ Turns on Disconnect Mode (Yellow)
LEDs location:
LEDs are located on the PCB, visible via holes in the metal bracket.
Each 2 Blue 10G SPD-ACT LEDs (1 LED per port) are located under their own LC connector
port.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn