Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE310G4BPI71 Datasheet(HTML) 7 Page - Silicom Ltd.

Part No. PE310G4BPI71
Description  Quad Port Fiber 10 Gigabit Ethernet PCI Express Bypass Server Adapter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE310G4BPI71 Datasheet(HTML) 7 Page - Silicom Ltd.

  PE310G4BPI71 Datasheet HTML 7Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 7 page
background image
Silicom Ltd. Connectivity Solutions
Page
7
Figure 3: Disconnect Mode Functional Block Diagram
Silicom Bypass server adapters include an on board Controller that can Bypass the Ethernet ports on host system failure like
Power Off, System hangs or software application hangs. The software programmable Watch Dog Timer (WDT) Controller detects a
host system fails and it will Bypass automatically the Ethernet ports after programmable time out interval. The WDT Controller can
be software programmable enabled or disabled.
Silicom Bypass server adapters support software programmable to select Bypass or Normal mode. In Normal mode, the ports of
the adapters remain independently operational.
The drivers of the adapters and the Bypass circuitry provides an interface that control and management the mode of the adapter.
The adapter software driver or software application can writes commands to the on board controller. The on board controller
processes the commands and activates the bypass circuitry accordingly.
After power up the default mode of the adapter is to be in Bypass mode. After driver is loaded, the adapter software driver or
application can set the card to a Normal mode. After the Host system issues reset, setting of Bypass controller and circuitry are
reserved.
Silicom Bypass server adapters support Disable Bypass Capability; hence, if those adapters receive Disable Bypass Capability
command, the adapter does not Bypass its Ethernet ports, in this state the four Ethernet ports are independent. The Disable
Bypass Capability state is reserved also after power off. This feature enables to emulate a standard NIC.
Silicom Bypass server adapters can be set to Bypass or Normal mode at power up. This setting programmable and is reserved also
after power off.
Order Information
P/N
Description
Notes
PE310G4BPI71-SR
Quad Port Fiber (SR) 10 Gigabit Ethernet PCI
Express Bypass Server Adapter
X8 Gen 3, Based on Intel XL710, on board
support for Fiber SR, RoHS compliant
PE310G4BPI71-LR
Quad Port Fiber (LR) 10 Gigabit Ethernet PCI
Express Bypass Server Adapter
X8 Gen 3, Based on Intel XL710, on board
support for Fiber LR, RoHS compliant
1V6


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn