Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE310G4BPI71 Datasheet(HTML) 2 Page - Silicom Ltd.

Part No. PE310G4BPI71
Description  Quad Port Fiber 10 Gigabit Ethernet PCI Express Bypass Server Adapter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE310G4BPI71 Datasheet(HTML) 2 Page - Silicom Ltd.

  PE310G4BPI71 Datasheet HTML 2Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 7 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Key Features
Bypass / Disconnect:
Bypass / Disconnect Ethernet ports on Power Fail, System Hangs or Software Application Hangs
Software programmable Bypass, Disconnect or Normal Mode
On Board Watch Dog Timer (WDT) Controller
Software programmable time out interval
Software Programmable WDT Enable / Disable counter
Software programmable Bypass Capability Enable / Disable
Software Programmable Disconnect Capability Enable / Disable
Software Programmable mode (Bypass, Normal or Disconnect mode) at Power up
Software Programmable mode (Bypass, Normal mode) at Power off
Independent Bypass operation in every two ports
Emulates standard NIC
-SR: Fiber 10 Gigabit Ethernet 10GBASE-SR:
10 Gigabit Fiber Ethernet port supports 10GBASE-SR (850nm LAN PHY)
MM 850nm 10GBASE-SW/SR, Duplex Low Profile Transceiver
-LR: Fiber 10 Gigabit Ethernet 10GBASE-LR:
10 Gigabit Fiber Ethernet port supports 10GBASE-LR (1310nm LAN PHY)
SM 1310nm 10GBASE-LW/LR, Duplex Low Profile Transceiver
Performance Features:
Support for jumbo frame up to 9.5KB
Flow control support
Priority Flow Control (draft IEEE 802.1Qbb)
Enhanced Transmission Selection (draft IEEE802.1az)
Statistics management and RMON
802.1q VLAN support
DCB/DCB-X support
Message Signal interrupts (MSI-X)
Storage
– Enabling competitive performance with native OS intelligent offload solutions, including NAS, iSCSI and FCoE


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn