Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE310G4DBIR Datasheet(HTML) 3 Page - Silicom Ltd.

Part No. PE310G4DBIR
Description  Quad Port Copper 10 Gigabit Ethernet PCI Express Content Director Server Adapter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE310G4DBIR Datasheet(HTML) 3 Page - Silicom Ltd.

  PE310G4DBIR Datasheet HTML 3Page - Silicom Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 12 page
background image
Silicom Ltd. Connectivity Solutions
Page
3
Intel FM10420 Features:
o
Single-element 4MB shared memory
o
L2/L3/L4/OpenFlow forwarding & ACLs
o
Stateless load balancing to CPUs
o
Datacenter Bridging (lossless Ethernet)
o
32K 40-bit TCAM entries
o
16K MAC & NextHop tables
o
Up to 300Gbps High-bandwidth CPU interface
o
2x 50Gbps 8-lane PCIe interfaces
o
4x 25Gbps 4-lane PCIe interfaces
o
Up to 8 25G/10G/2.5G/1G ports
o
Up to 2 40G (4 x 10G)
o
Up to 2 100G (4 x 25G)
o
300ns network latency (100GbE)
o
1000nS host-network latency
LAN Features:
256 queues per PCIe x8 interface
SR-IOV (64 VFs per PCIe x8 interface)
IP/TCP/UDP checksum
Receive side scaling (RSS)
TCP segmentation offload (TSO/LSO)
LEDs indicator for link/Activity
Technical Specifications
Bypass Specifications:
WDT Interval (Software
Programmable):
3,276,800 mSec (3,276.8 Sec): Maximum
100 mSec ( 0.1 Sec) : Minimum
WDT Interval = (2^wdt_interval_parameter)*(0.1) sec.
wdt_interval_parameter: { Valid Range: 0-15}
– Copper 10 Gigabit Ethernet Technical Specifications – (10GBASE-T):
IEEE Standard / Network
topology:
Copper 10Gigabit Ethernet, 10GBASE-T
Gigabit Ethernet, 1000Base-T
100 Mb Ethernet : 100BASE- TX


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn