Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE310G4DBIR Datasheet(HTML) 4 Page - Silicom Ltd.

Part No. PE310G4DBIR
Description  Quad Port Copper 10 Gigabit Ethernet PCI Express Content Director Server Adapter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE310G4DBIR Datasheet(HTML) 4 Page - Silicom Ltd.

  PE310G4DBIR Datasheet HTML 4Page - Silicom Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 12 page
background image
Silicom Ltd. Connectivity Solutions
Page
4
Data Transfer Rate:
20 Gb/s, 2000Mb/s and 200 Mb/s in full duplex mode per port
Cables and Operating
distance:
Up to:
100Base-Tx Category 5 maximum 50m1
1000Base-T Category 5E maximum 50m1
10GBase-T Category 6A,7 maximum 50m2
1. 1Theoretical Distance
– Defined as half a distance as stated by the IEEE 802.3-2005
standard
2. 2Theoretical Distance
– Defined as half a distance as stated by the IEEE 802.3an standard
– Operating Systems Support:
Operating system support:
Linux
– PE310G4DBIR-T General Technical Specifications:
Interface Standard:
PCI-Express Base Specification Revision 3.0(8 GTs)
Board Size:
Standard height long add-in card
241.30mm X 110.13mm (9.5”X 4.336”)
PCI Express Card Type:
X8 Lane
PCI Express Voltage:
+3.3V ±9%,
+12V ± 8%
External Voltage from external
PW jack:
+12V ± 8%
PCI Connector:
Gold Finger: X8 Lane
Controller:
Intel FM10420
Holder:
Metal Bracket
Operating Humidity:
0%
–90%, non-condensing
Operating Temperature:
0°C
– 40°C (32°F – 104°F), Air flow requirement 200FLM
Storage:
-40°C
– 65°C (40°F – 149°F)
EMC Certifications:
FCC Part 15, Subpart B Class A
Conducted Emissions
Radiated Emissions
CE EN 55022: 1998 Class A Amendments A1: 2000; A2: 2003
Conducted Emissions


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn