Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE310G4DBIR Datasheet(HTML) 5 Page - Silicom Ltd.

Part No. PE310G4DBIR
Description  Quad Port Copper 10 Gigabit Ethernet PCI Express Content Director Server Adapter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE310G4DBIR Datasheet(HTML) 5 Page - Silicom Ltd.

  PE310G4DBIR Datasheet HTML 5Page - Silicom Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 12 page
background image
Silicom Ltd. Connectivity Solutions
Page
5
Radiated Emissions
CE EN 55024: 1998 Amendments A1: 2000; A2: 2003
Immunity for ITE Amendment A1: 2001
CE EN 61000-3-2 2000, Class A
Harmonic Current Emissions
CE EN 61000 3-3 1995, Amendment A1: 2001
Voltage Fluctuations and Flicker
CE IEC 6100-4-2: 1995
ESD Air Discharge 8kV. Contact Discharge 4kV.
CE IEC 6100-4-3:1995
Radiated Immunity (80-1000Mhz), 3V/m 80% A.M. by 1kHz
CE IEC 6100-4-4:1995
EFT/B: Immunity to electrical fast transients 1kV Power
Leads, 0.5Kv Signals Leads
CE IEC 6100-4-5:1995
Immunity to conductive surges COM Mode; 2kV,
Dif. Mode 1kV
CE IEC 6100-4-6:1996
Conducted immunity (0.15-80 MHz) 3VRMS 80% A.M.
By 1kHz
CE IEC 6100-4-11:1994
Voltage Dips and Short Interruptions
V reduc >95%, 30% >95% Duration 0.5per, 25per, 250per
– PE310G4DBIR-T LEDs/ Connectors Specifications:
LEDs:
(2) LED per port
Speed / Bypass / Disconnect(Left):
Link of 1Gb/s: Turns on link (Yellow)
Link of 10Gb/s: Turns on link (Green)
Bypass: Blink (Green) on Bypass
Disconnect: Blink (Yellow)
ACT(Right) :
Blinks on activity (Green)
LEDs location:
LEDs are located in the RJ45 connector port
Connector:
(4) Shielded RJ-45


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn