Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE310G4DBIR Datasheet(HTML) 8 Page - Silicom Ltd.

Part No. PE310G4DBIR
Description  Quad Port Copper 10 Gigabit Ethernet PCI Express Content Director Server Adapter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE310G4DBIR Datasheet(HTML) 8 Page - Silicom Ltd.

Back Button PE310G4DBIR Datasheet HTML 8Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 12 page
background image
Silicom Ltd. Connectivity Solutions
Page
8
Tagged In-Line rule aware mode
Silicom’s 10 Gigabit Ethernet content aware director Provides intelligent packet redirection capability where rules specify which
packets are directed to the host system and which packets are directed to the other ports (Bypass) but at the same time it will get
these bypassed trfic into the host with a ISL tag marking that these packets are bypassed, per the rules that the host will issue to
the Silicom’s 10 Gigabit Ethernet content aware director.
Figure 5: Tagged In-Line rule aware mode Block Diagram
Figure 5 illustrates functional block diagram of Tagged In-Line rule aware mode:
Port Group (0, 1), (2, 3), (4, 5), (6, 7) configured as VLAN groups.
Packets received in the 4 x 10G external ports (0, 2, 4 and 6) and meet and are directed to the other ports of the Vlan group with
ISL tag that notify that match found. The original packet is sent to the “Output Port of Switch” in the rule matched policy
Packets received in the 4 x 10G external ports (0,2,4 and 6) and do not meet the rule are directed to the other ports of the Vlan
group taged with ISL tag that notify that no-match found.
Director: Rules Classification and capabilities
Director Capabilities
The Redirector supports the following capabilities:
Maximum total number of rules is 16K
Each of the 16K rules can be defined to any port the on board multi-layer switch
Each rule refers to incoming packet
Rules are executed per order. First rule that matches will be executed
Rules can be added and removed on the fly
Each rule can include one or more classification fields. A rule match will be when all fields defined are match
Each field can have a bit masking to check part of the classification field
Per port statistics can be read, like packets count, errors, VLAN, and more
Rules and action are done in wire speed at any packet size


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn