Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE310G4DBIR Datasheet(HTML) 10 Page - Silicom Ltd.

Part No. PE310G4DBIR
Description  Quad Port Copper 10 Gigabit Ethernet PCI Express Content Director Server Adapter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE310G4DBIR Datasheet(HTML) 10 Page - Silicom Ltd.

Back Button PE310G4DBIR Datasheet HTML 10Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 12 page
background image
Silicom Ltd. Connectivity Solutions
Page
10
Session balancing with L3/L4 hashing or other mechanism
ISL (Inter Switch Link) Tagging per port can be added to the packets per configuration
ISL Tagging can be removed and can be forward to specific port per the ISL index
Quality of Service support with the following features:
Priority levels: 16 internal “switch” priorities, 8 or 16 VLAN priorities (optional use of CFI bit as an extra VLAN priority bit)
Arbitrary mapping of ingress VLAN priority to an internal VLAN priority
Arbitrary mapping of an internal VLAN priority to egress VLAN priority
Arbitrary mapping of internal VLAN priority to switch priority
Arbitrary mapping of DSCP to switch priority, configurable priority source selection
Scheduler: 8 traffic classes, arbitrary mapping of switch priorities to traffic class, deficit weighted round-robin or strict priority
Notification: Two congestion notifications can be supported
Virtual output queue congestion notification (VCN) and Intel proprietary backward congestion notification (FCN)
Open Flow support (consistent with OpenFlow protocol standard)
sFlow support
User defined Packet transmission with two optional modes: 1. Simple mode
– transmit on specific port. 2. Switched mode –
where switch determines destination port/ports, or with specific information such as
whether or not egress processing rules should be applied
Storm Control Management
– Switch can support a variety storm controller. Each storm controller can be programmable to
define rat, condition (like unicast ICMP frames whose TTL is at most 1), frame type (can be
OR’ed), ingress & egress port ports. Actions: do nothing, drops frames to port (according to filter)
*Future SW supports
Bypass / Disconnect
Silicom’s Bypass adapter supports the following mode states: Normal/inline, Bypass/Fail-To-Wire and Disconnect modes.
Normal/Inline mode
In Normal mode, the ports are independent interfaces (see Figure 6: Normal mode, one Bypass pair is illustrated).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn