Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE310G4DBIR Datasheet(HTML) 2 Page - Silicom Ltd.

Part No. PE310G4DBIR
Description  Quad Port Copper 10 Gigabit Ethernet PCI Express Content Director Server Adapter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE310G4DBIR Datasheet(HTML) 2 Page - Silicom Ltd.

  PE310G4DBIR Datasheet HTML 2Page - Silicom Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 12 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Key Features
Content Aware Director:
Provides intelligent packet redirection capability where rules specify which packets are directed to the host system and which
packets are directed to the other port (Bypass).
Provides intelligent packet redirection capability where all packets are directed to the other port (Bypassed) and rules that
specify which packets are copied to the host system ( TAP).
Provides intelligent packet filtering / drop capability where rules specify which packets are directed to the host or dropped.
Provides redirection rules that can be defined using source IP/ destination IP / Source Port / Destination Port / VLAN tuples.
Redirection and packet filtering / drop are performed by the hardware itself in wire speed and do not require any software and
CPU host system power processing.
Intelligent redirect mechanism is controllable via software.
Intelligent routing mechanism is controllable via software
Bypass / Disconnect:
Bypass / Disconnect Ethernet ports on Power Fail, System Hangs or Software Application Hangs.
Software programmable Bypass, Disconnect or Normal Mode.
On Board Watch Dog Timer (WDT) Controller.
Software programmable time out interval.
Software Programmable WDT Enable / Disable counter.
Software programmable Bypass Capability Enable / Disable.
Software Programmable Disconnect Capability Enable / Disable.
Software Programmable mode (Bypass, Normal or Disconnect mode) at Power up.
Software Programmable mode (Bypass, Normal mode) at Power off.
Independent Bypass operation in every two ports.
Emulates standard NIC
Copper 10 Gigabit Ethernet 10GBASE-T:
Integrated 10 Gigabit Copper PHY supports 10GBASE-T, 1000 BASE- T and 100BASE- TX
Triple speed 10Gbps (10GBase-T), 1000Mbps (1000Base-T) and 100 Mbps (100Base-T)
RJ-45 connector supports CAT 6A, CAT7 cable
Common Key features:
Host Interface:
o
PCI Express X8 lane
o
Support PCI Express Base Specification Revision 3.0, 8GT/s, 5GT/s or 2.5GT/s
o
SR-IOV enabled to expose to 4 Virtual Functions (VF)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn