Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE310G4FA2I71 Datasheet(HTML) 3 Page - Silicom Ltd.

Part No. PE310G4FA2I71
Description  Programmable Application Accelerator SDI 40/10 Gigabit Servers Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE310G4FA2I71 Datasheet(HTML) 3 Page - Silicom Ltd.

  PE310G4FA2I71 Datasheet HTML 3Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 3 page
background image
Silicom Ltd. Connectivity Solutions
Page
3
General Technical Specifications:
Interface Standard:
PCI-Express Base Specification Revision X8 / Gen 3.0 (8GT/s)
Board Size:
Standard height : 241.3 x 111.15mm (9.5” x 4.376”)
Controller:
Intel XL710AM1
HW Accelerator Engine:
Xilinx XC7K325TFFG900
On Board Memory packet
buffer:
DDR3: 2GByte on HP ( packet data), 1.5 GB on HR. ( user application)
Operating system support:
Linux
FreeBSD
Order Information
P/N
Description
Notes
PE310G4FA2I71-XR
Quad Port Fiber 10 Gigabit Ethernet PCI Express
Application Accelerator Server Adapter
X8 Gen3, Based on Intel XL710AM1 w/
Accelerator Engine, 9.5″ long standard height
4x10G -> 4x10G Independent ports
PE340G1FA3QI71-QX4
QSFP+ 40 Gigabit Ethernet PCI Express
Application Accelerator Server Adapter
X8 Gen3, Based on Intel XL710AM1 w/
Accelerator Engine, 9.5″ long standard height
40G -> 40G
1V2


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn