![]() |
Electronic Components Datasheet Search |
|
PE310G4SPI9 Datasheet(HTML) 3 Page - Silicom Ltd. |
|
PE310G4SPI9 Datasheet(HTML) 3 Page - Silicom Ltd. |
![]() Silicom Ltd. Connectivity Solutions Page 3 LEDs indicators for link/Activity and speed Security Features: IEEE P802.1AE LinkSec specification. It incorporates an inline packet crypto unit to support both privacy and integrity checks on a packet by packet basis. The transmit data path includes both encryption and signing engines. On the receive data path it includes both decryption and integrity checkers IPsec off load for a given number of flows Off-load IPsec for up to 1024 Security associations (SA) for each of TX and RX AH and ESP protocols for authentication and encryption AES-128-GMAC and AES-GCM crypto engines Transport mode encapsulation Technical Specifications SFP+ 10Gigabit Ethernet Technical Specifications Adapters: SFP+ (Small Form Factor Pluggable) supports: SFI interfaces supports 10GBase-R PCS and 10 Gigabit PMA in order to connect with SFP+ to 10GBase-SR / 10GBase-LR and SFP+ Direct Attach IEEE Standard / Network topology: with 10GBase-SR SFP+ Fiber 10Gigabit Ethernet, 10GBASE-SR (850nM LAN PHY) IEEE Standard / Network topology: with 10GBase-LR SFP+ Fiber 10Gigabit Ethernet, 10GBASE-LR (1310nM LAN PHY) IEEE Standard / Network topology: with 10GSFP+Cu Copper 10Gigabit Ethernet, 10GSFP+Cu (Direct Attach) -SR: Fiber 10GBASE-SR Ethernet Technical Specifications: Output Transmit Power: Typical: -2.21 dBm Minimum: -7.3 dBm Optical Receive Sensitivity: Typical: -16 dBm Maximum: -11 dBm Maximum Input Power: Maximum: +0.5dBm |
|