Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PE310G4SPI9 Datasheet(HTML) 4 Page - Silicom Ltd.

Part No. PE310G4SPI9
Description  Quad Port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo 

PE310G4SPI9 Datasheet(HTML) 4 Page - Silicom Ltd.

  PE310G4SPI9 Datasheet HTML 4Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
4
-LR: Fiber 10GBASE-LR Ethernet Technical Specifications:
Output Transmit Power:
Typical: -1.98 dBm
Minimum: -7.3 dBm
Optical Receive Sensitivity:
Typical: -19.6 dBm
Maximum: -11 dBm
Maximum Input Power:
Maximum: +0.5dBm
Operating Systems Support
Operating system support:
Windows
Linux
General Technical Specifications
Interface Standard:
PCI-Express Base Specification Revision 3.0 ( 8 GTs)
Board Size:
167.64mm X 85.77mm (6.6″ X 3.377″)
PCI Express Card Type:
X8 Lane
On Board Connector Voltage:
+12V +- 8%
PCI Connector:
X8 Lane
Controller:
2 X Intel 82599ES
Holder:
Metal Bracket
Weight:
270gr (9.524 oz)
Power Consumption -XR:
16.44W, 1.37A at 12V
Power Consumption -SR:
20.16 W, 1.68A at 12V
Power Consumption -LR:
22.68 W, 1.89A at12V
Operating Humidity:
0%
–90%, non-condensing
Operating Temperature:
0°C
– 45°C (32°F – 113°F)
Storage:
-40°C
–65°C (-40°F–149°F)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn